Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1763 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1763
Description  1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1763 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1763 Datasheet HTML 1Page - Maxim Integrated Products MAX1763 Datasheet HTML 2Page - Maxim Integrated Products MAX1763 Datasheet HTML 3Page - Maxim Integrated Products MAX1763 Datasheet HTML 4Page - Maxim Integrated Products MAX1763 Datasheet HTML 5Page - Maxim Integrated Products MAX1763 Datasheet HTML 6Page - Maxim Integrated Products MAX1763 Datasheet HTML 7Page - Maxim Integrated Products MAX1763 Datasheet HTML 8Page - Maxim Integrated Products MAX1763 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1.5A, Low-Noise, 1MHz, Step-Up
DC-DC Converter
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(CLK/SEL = ONB = FB = PGND = GND, ISET = REF, OUT = POUT, VONA = VAIN = VOUT = 3.6V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 8)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
DC-DC CONVERTER
Input Voltage Range (Note 1)
5.5
V
Minimum Startup Voltage (Note 2)
ILOAD < 1mA, TA = +25°C
1.1
V
Frequency in Startup Mode
VOUT = 1.5V
125
1000
kHz
Internal Oscillator Frequency
CLK/SEL = OUT
0.75
1.25
MHz
Oscillator Maximum Duty Cycle
(Note 3)
80
91
%
External Clock Frequency Range
0.6
1.2
MHz
Output Voltage
VFB < 0.1V, CLK/SEL = OUT, includes load regulation
for 0 < ILX < 1.1A
3.17
3.38
V
FB Regulation Voltage
Adjustable output, CLK/SEL = OUT, includes load
regulation for 0 < ILX < 1.1A
1.215
1.270
V
FB Input Current
VFB = 1.35V
100
nA
Output Voltage Adjust Range
2.5
5.5
V
Output Voltage Lockout
Threshold (Note 4)
Rising edge
2.00
2.30
V
ISET Input Leakage Current
VISET = 1.25V
50
nA
Supply Current in Shutdown
V ONB = 3.6V, VONA = 0
10
µA
No-Load Supply Current, Low-
Power Mode (Note 5)
CLK/SEL = GND, AIN = OUT
200
µA
Gain Block Supply Current
VAIN < (VOUT - 1.4V), gain block enabled
50
µA
DC-DC SWITCHES
POUT Leakage Current
VLX = 0, VOUT = 5.5V
10
µA
LX Leakage Current
VLX = V ONB = VOUT = 5.5V, VONA = 0
10
µA
N-channel
0.13
Switch On-Resistance
P-channel
0.25
N-Channel Current Limit
2.0
3.4
A
P-Channel Turn-Off Current
CLK/SEL = GND
10
240
mA
REFERENCE
Reference Output Voltage
IREF = 0
1.220
1.270
V
Reference Load Regulation
-1µA < IREF < 50µA
15
mV
Reference Supply Rejection
2.5V < VOUT < 5V
5
mV
GAIN BLOCK
AIN Reference Voltage
IAO = 20µA
910
970
mV
AIN Input Current
VAIN = 1.5V
±30
nA
Transconductance
VAO = 1V, 10µA < IAO < 100µA
5
16
mS
AO Output Low Voltage
VAIN = 0.5V, IAO = 100µA
0.4
V
AO Output High Leakage
VAIN = 1.5V, VAO = 5.5V
1
µA


Similar Part No. - MAX1763

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
660Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
MAX17630 MAXIM-MAX17630 Datasheet
1Mb / 24P
   4.5V to 36V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0; 12/18
MAX17630 MAXIM-MAX17630 Datasheet
900Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17630C5EVKIT MAXIM-MAX17630C5EVKIT Datasheet
900Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17631 MAXIM-MAX17631 Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
More results

Similar Description - MAX1763

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
   600mA, 1MHz, Synchronous Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com