Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1761EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1761EEE
Description  Small, Dual, High-Efficiency Buck Controller for Notebooks
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1761EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1761EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1761EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1761EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1761EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1761EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1761EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1761EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1761EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1761EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Small, Dual, High-Efficiency
Buck Controller for Notebooks
8
_______________________________________________________________________________________
PIN
NAME
FUNCTION
1
FB1
Feedback Input for the 2.5V PWM. Connect FB1 to GND for a fixed 2.5V output. Connect a resistive
voltage-divider to FB1 to adjust OUT1 from 1V to 5.5V. FB1 regulates to 1V (see Adjusting VOUT section) .
2
OUT1
Output Voltage Connection for PWM1. OUT1 senses the output voltage to set the regulator on-time
and is connected internally to a 160k
Ω feedback input in fixed-output mode.
3
REF
2V Reference Voltage Output. Bypass REF to GND with 0.1
µF (min) capacitor. Can supply 50µA for
external loads.
When ON1 = High, Normal/Forced PWM Mode Selection and OUT2 On/
Off Control Input
ON2 CONDITION
MODE SELECTED
LOW (ON2 < 0.5V)
OUT1 is enabled in normal mode; OUT2 is shut down.
HIGH (2V < ON2 < VL)
Both outputs are enabled in normal mode.
4
ON2
Floating
Both outputs are enabled in forced-PWM mode.
5V+
Battery Voltage. V+ is the input for the VL regulator and DH gate drivers and is also used for PWM
one-shot timing.
6
ON1
On/
Off Control Input. Drive ON1 high to enable the device. Drive ON1 low to enter micropower
shutdown mode. Both REF and VL are disabled in shutdown. ON1 may be pinstrapped to V+.
7
OUT2
Output Voltage Connection for PWM2. OUT2 senses the output voltage to set the regulator on-time
and is connected internally to a 160k
Ω feedback input in fixed-output mode.
8
FB2
Feedback Input for the 1.8V PWM. Connect FB2 to GND for a fixed 1.8V output. Connect a resistive
voltage-divider to FB2 to adjust OUT2 from 1V to 5.5V. FB2 regulates to 1V (see Adjusting VOUT section) .
9
DH2
High-Side Gate Driver Output for PWM2. Swings between GND and V+.
10
CS2
Current-Sense Connection for PWM2. Connect CS2 to the drain of the low-side driver. Alternatively,
connect CS2 to the junction of the source of the low-side FET and a current-sense resistor to GND.
11
DL2
Low-Side Gate Driver Output for PWM2. DL2 swings between GND and VL.
12
GND
Combined Power and Analog Ground
13
VL
Linear Regulator Output. VL is the output of the 4.65V internal linear regulator, capable of supplying
25mA for external loads. The VL pin also serves as the supply input for the DL gate driver and the
analog/logic blocks. VL can be overdriven by an external 5V supply to improve efficiency. Bypass
VL to GND with a 4.7
µF ceramic capacitor.
14
DL1
Low-Side Gate Driver Output for PWM1. DL1 swings between GND and VL.
15
CS1
Current-Sense Connection for PWM1. Connect CS1 to the drain of the low-side driver. Alternatively,
connect CS1 to the junction of the source of the low-side FET and a current-sense resistor to GND.
16
DH1
High-Side Gate Driver Output for PWM1. DH1 swings between GND and V+.
Pin Description


Similar Part No. - MAX1761EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17610 MAXIM-MAX17610 Datasheet
619Kb / 21P
   4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17610ATC+T MAXIM-MAX17610ATC+T Datasheet
619Kb / 21P
   4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17610EVKIT MAXIM-MAX17610EVKIT Datasheet
787Kb / 9P
   MAX17610 ??4.5V to 60V, 1A, Reverse-Voltage Protector with Forward Current Limit
Rev 0; 3/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
   4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
MAX17612AATB+T MAXIM-MAX17612AATB+T Datasheet
585Kb / 21P
   4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
More results

Similar Description - MAX1761EEE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
[Old version datasheet]   LP8551 High-Efficiency LED Backlight Driver for Notebooks
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
LP8553 TI1-LP8553_14 Datasheet
1Mb / 42P
[Old version datasheet]   LP8553 High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com