Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTE-HV Datasheet(PDF) 1 Page - Marktech Corporate

Part # XTE-HV
Description  Cree XTE-HV Series on Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

XTE-HV Datasheet(HTML) 1 Page - Marktech Corporate

  XTE-HV_15 Datasheet HTML 1Page - Marktech Corporate XTE-HV_15 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flux Characteristics (T
j=85
0
C--White)
COLOR TEMPERATURE
CCT (TYP.)(0K)*
MIN.FLUX (LM) @22MA
KIT USED
Cool White
6000--6500
107
LD51
Neutral White
4750--5000
100
LCE3
Warm White
3000--3250
80.6
L9E7
*See Cree Specifications
Cree XTE-HV Series
Optimized for non-directional and small LED replacement lamps such as B10 candelabra, E17, GU10
and A19 bulbs, the XLamp XTE High-Voltage White LED delivers both high lumen output and high
efficacy in a small footprint.
FEATURES
> Typical V
F = 46V @ 22mA, Maximum IF=66mA
> Wide Viewing Angle: 1150
> Low Thermal Resistance: 6.50C/W
> Maximum Junction Temperature: 1500C
APPLICATIONS
> Lighting
> Small Bulbs
> E17, GU10, A19, B10
*Absolute Maximum Ratings (Note 1)
ITEMS
SYMBOL
RATING
UNIT
Forward Current (Note 2)
I
F
66
mA
Forward Voltage (@22mA, 850C)
V
F
55
V
Reverse Current
I
R
0.1
mA
Temperature Coefficient of Forward Voltage
V
TC
-37
mV/0C
Operating Temperature at T
C Point (Note 2&3)
T
OPR
115
0
C
Junction Temperature
T
J
150
0
C
ESD Classification (HBM per MIL-STD-883D)
--
Class 2
--
Cree XTE-HV Series on Board
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2012-04-18
* Exceeding maximum ratings may damage the LED and cause potential safety hazards.
* Elevated operating temperatures can be expected to negatively impact the service life (lumen output)
* All data is related to entire assembly. Data reflects statistical mean values. Actual data may differ depending on variances in the
manufacturing process.
* End users need to take into account the lumen depreciation as the temperature rises with various thermal solutions installed.
* It is highly recommended for the user to review the CREE XTE-HV Series page for additional and most recent technical data at
http://www.cree.com/led-components-and-modules/products/xlamp/discrete-directional/xlamp-xte-hvw


Similar Part No. - XTE-HV_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XTE-HV MARKTECH-XTE-HV Datasheet
595Kb / 2P
   Cree XTE-HV Series on Board
More results

Similar Description - XTE-HV_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTG7-001I-XTEHV-NW-LCE3 MARKTECH-MTG7-001I-XTEHV-NW-LCE3 Datasheet
595Kb / 2P
   Cree XTE-HV Series on Board
MTG7-001I-XTEHV-CW-LD51 MARKTECH-MTG7-001I-XTEHV-CW-LD51 Datasheet
595Kb / 2P
   Cree XTE-HV Series on Board
XTE-HV MARKTECH-XTE-HV Datasheet
595Kb / 2P
   Cree XTE-HV Series on Board
MTG7-001I-XTE00-CW-0G51 MARKTECH-MTG7-001I-XTE00-CW-0G51 Datasheet
590Kb / 2P
   Cree XTE Series on Board
XTE-WHITE MARKTECH-XTE-WHITE_15 Datasheet
590Kb / 2P
   Cree XTE Series on Board
XTE-WHITE MARKTECH-XTE-WHITE Datasheet
590Kb / 2P
   Cree XTE Series on Board
MTG7-001I-XTE00-NW-0GE3 MARKTECH-MTG7-001I-XTE00-NW-0GE3 Datasheet
590Kb / 2P
   Cree XTE Series on Board
MTG7-001I-XTE00-WR-0CE7 MARKTECH-MTG7-001I-XTE00-WR-0CE7 Datasheet
590Kb / 2P
   Cree XTE Series on Board
MTG7-001I-XBD00-CW-0F51 MARKTECH-MTG7-001I-XBD00-CW-0F51 Datasheet
583Kb / 2P
   Cree XBD Series on Board
MTG7-001I-XBD00-NW-LDE3 MARKTECH-MTG7-001I-XBD00-NW-LDE3 Datasheet
583Kb / 2P
   Cree XBD Series on Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com