Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2166V Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2166V
Description  MONAURAL AUDIO POWER AMPLIFIER IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2166V Datasheet(HTML) 1 Page - New Japan Radio

  NJM2166V Datasheet HTML 1Page - New Japan Radio NJM2166V Datasheet HTML 2Page - New Japan Radio NJM2166V Datasheet HTML 3Page - New Japan Radio NJM2166V Datasheet HTML 4Page - New Japan Radio NJM2166V Datasheet HTML 5Page - New Japan Radio NJM2166V Datasheet HTML 6Page - New Japan Radio NJM2166V Datasheet HTML 7Page - New Japan Radio NJM2166V Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
j
j
j
j
NJM2166
MONAURAL AUDIO POWER AMPLIFIER IC
s
s
s
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
s FEATURES
qOperating Voltage
(2.7V to 8.5V)
qAUX input
qSuspend Mode Function
qMute Function
qEVR function
qBipolar Technology
qPackage outline
EMP14,SSOP14,VSP10
s
s
s
s PIN CONFIGURATION
No.
NAME
No.
NAME
1V+
8NC
2NC
9
EVR
3
SP-IN
10
BIAS
4
AUX
11
SPOUT-1
5
AM
12
SPOUT-2
6
SUSPEND
13
NC
7NC
14
GND
No.
NAME
No.
NAME
1V+
6EVR
2
SP-IN
7
BIAS
3
AUX
8
SPOUT-1
4
AM
9
SPOUT-2
5
SUSPEND
10
GND
The NJM2166 are monaural power amplifier suitable for
mobile communication equipment. It is possible to operate
on low operating voltage such as 2.7V and incorporates
mute function, suspend function and AUX input.
1
4
2
3
5
6
7
8
10
9
14
13
12
11
1
4
2
3
5
6
7
8
10
9
NJM2166E/V
NJM2166R
NJM2166E
NJM2166V
NJM2166R


Similar Part No. - NJM2166V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2160 NJRC-NJM2160 Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
NJM2160A NJRC-NJM2160A Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
NJM2160AD NJRC-NJM2160AD Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
NJM2160AM NJRC-NJM2160AM Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
NJM2160AV NJRC-NJM2160AV Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
More results

Similar Description - NJM2166V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993TH SANYO-LV4993TH Datasheet
563Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com