Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1757EAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1757EAI
Description  Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1757EAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1757EAI Datasheet HTML 5Page - Maxim Integrated Products MAX1757EAI Datasheet HTML 6Page - Maxim Integrated Products MAX1757EAI Datasheet HTML 7Page - Maxim Integrated Products MAX1757EAI Datasheet HTML 8Page - Maxim Integrated Products MAX1757EAI Datasheet HTML 9Page - Maxim Integrated Products MAX1757EAI Datasheet HTML 10Page - Maxim Integrated Products MAX1757EAI Datasheet HTML 11Page - Maxim Integrated Products MAX1757EAI Datasheet HTML 12Page - Maxim Integrated Products MAX1757EAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Stand-Alone, Switch-Mode
Li+ Battery Charger with Internal 14V Switch
_______________________________________________________________________________________
9
General Description
The MAX1757 includes all of the functions necessary to
charge 1, 2, or 3 Li+ battery cells in series. It includes a
step-down DC-DC converter that controls charging
voltage and current. It also includes input source cur-
rent limiting, battery temperature monitoring, battery
undervoltage precharging, battery fault indication, and
a state machine with timers for charge termination.
The DC-DC converter uses an internal power MOSFET
switch to convert the input voltage to the charging cur-
rent or voltage. Figure 1 shows the typical application
circuit. Figure 2 shows a typical charging sequence
and Figure 3 shows the functional diagram. The charg-
ing current is set by the voltage at ISETOUT. The bat-
tery regulation voltage is measured at the BATT pin.
The battery voltage limit is set to 4.2V per cell and can
be adjusted ±5% by changing the voltage at the VADJ
pin. By limiting the adjust range, the voltage limit accu-
racy is better than 1% while using 1% setting resistors.
27
26
1
22
10
9
20
19
21
18
D4
MBR5340
8
4
28
CSSP
DCIN
CSSN
VL
BST
HSD
HSD
LX
LX
PGND
CS
BATT
THM
REF
ISETIN
TO VL
SHDN
ISETOUT
VADJ
CELL
GND
CCV
CCI
CCS
TIMER1
TIMER2
R1
0.05
L1
22
µH
FAULT
FULLCHG
FULL CHARGE
FAST CHARGE
FAULT
FASTCHG
C2
0.1
µF
C5
1nF
C6
1nF
C1
0.1
µF
C3
1
µF
C12
0.22
µF
C10
22
µF
TO
SYSTEM
LOAD
INPUT
SUPPLY
C7
0.1
µF
C8
0.1
µF
R4
D2
D3
D1
R5
C4
0.1
µF
R6
10k
15
24
25
6
11
3
7
2
5
17
23
12
13
16
14
C15
68
µF
C9
0.1
µF
C13
4.7
µF
C14
0.1
µF
C16
0.1
µF
MAX1757
+
C11
22
µF
+
+
C17
1nF
MBR5340
C18
0.1
µF
THERM
Li+ BATTERY
1 TO 3 CELLS
Figure 1. Typical Application Circuit


Similar Part No. - MAX1757EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1757EVKIT MAXIM-MAX1757EVKIT Datasheet
153Kb / 5P
   Fully Assembled and Tested
Rev 0; 10/00
More results

Similar Description - MAX1757EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1757 MAXIM-MAX1757_V01 Datasheet
828Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
2015
MAX1758 MAXIM-MAX1758 Datasheet
224Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 28V Switch
19-1752; Rev 1; 1/01
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com