Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1745EUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1745EUB
Description  High-Voltage, Step-Down DC-DC Controller in uMAX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1745EUB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1745EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1745EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1745EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1745EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1745EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1745EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1745EUB Datasheet HTML 8Page - Maxim Integrated Products MAX1745EUB Datasheet HTML 9Page - Maxim Integrated Products MAX1745EUB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
High-Voltage, Step-Down DC-DC
Controller in µMAX
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise specified.)
REFERENCE OUTPUT VOLTAGE CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
-4
-3
-2
-1
0
1
2
3
4
5
-5
-50
125
VOUT
2V/div
SHUTDOWN
PULSE
5V/div
MAX1744
ENTERING/EXITING SHUTDOWN
MAX1744/5toc11
2ms/div
RL = 3.3
VIN = 7.2V, VOUT = 3.3V, LOAD CURRENT = 0.1A TO 2A
A: VOUT, 50mV/div, 3.3V AC-COUPLED
B: LOAD CURRENT, 1A/div
LOAD-TRANSIENT RESPONSE
A
B
50
µs/div
VOUT = 5V, LOAD CURRENT = 1A
A: VOUT, 100mV/div, AC-COUPLED
B: VIN, 6V TO 12V, 5V/div
LINE-TRANSIENT RESPONSE
A
B
4ms/div


Similar Part No. - MAX1745EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1745EUB++ MAXIM-MAX1745EUB+ Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
MAX1745EUB++ MAXIM-MAX1745EUB+ Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
MAX1745EUB/V++ MAXIM-MAX1745EUB/V+ Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
MAX1745EUB/V++ MAXIM-MAX1745EUB/V+ Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
More results

Similar Description - MAX1745EUB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com