Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1722EZK-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1722EZK-T
Description  1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1722EZK-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1722EZK-T Datasheet HTML 4Page - Maxim Integrated Products MAX1722EZK-T Datasheet HTML 5Page - Maxim Integrated Products MAX1722EZK-T Datasheet HTML 6Page - Maxim Integrated Products MAX1722EZK-T Datasheet HTML 7Page - Maxim Integrated Products MAX1722EZK-T Datasheet HTML 8Page - Maxim Integrated Products MAX1722EZK-T Datasheet HTML 9Page - Maxim Integrated Products MAX1722EZK-T Datasheet HTML 10Page - Maxim Integrated Products MAX1722EZK-T Datasheet HTML 11Page - Maxim Integrated Products MAX1722EZK-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For most applications, the peak inductor current equals
the current limit. However, for applications using large
inductor values or low input voltages, the maximum on-
time limits the peak inductor current (see Inductor
Selection section).
Capacitor Selection
Choose input and output capacitors to supply the input
and output peak currents with acceptable voltage rip-
ple. The input filter capacitor (CIN) reduces peak cur-
rents drawn from the battery and improves efficiency.
Low equivalent series resistance (ESR) capacitors are
recommended. Ceramic capacitors have the lowest
ESR, but low ESR tantalum or polymer capacitors offer
a good balance between cost and performance.
Output voltage ripple has two components: variations
in the charge stored in the output capacitor with each
LX pulse, and the voltage drop across the capacitor’s
ESR caused by the current into and out of the capaci-
tor:
where IPEAK is the peak inductor current (see Inductor
Selection section). For ceramic capacitors, the output
voltage ripple is typically dominated by VRIPPLE(C). For
example, a 10µF ceramic capacitor and a 10µH induc-
tor typically provide 75mV of output ripple when step-
ping up from 3.3V to 5V at 50mA. Low input-to-output
voltage differences (i.e. two cells to 3.3V) require high-
er output capacitor values.
Capacitance and ESR variation of temperature should
be considered for best performance in applications
with wide operating temperature ranges. Table 2 lists
suggested capacitors and suppliers.
PC Board Layout Considerations
Careful PC board layout is important for minimizing
ground bounce and noise. Keep the IC’s GND pin and
the ground leads of the input and output capacitors
less than 0.2in (5mm) apart using a ground plane. In
addition,
keep
all
connections
to
FB
(MAX1722/MAX1723 only) and LX as short as possible.
VV
V
V
V
L
VV
C
I
RIPPLE
RIPPLE C
RIPPLE ESR
RIPPLE ESR
RIPPLE C
OUT
BATT
OUT
=+
()
()
()
( )
()
(
)
()
PEAK
ESR COUT
PEAK
OUT
I
R
-
I-
2
1
2
2
1.5µA IQ, Step-Up DC-DC Converters
in Thin SOT23-5
10
______________________________________________________________________________________
Table 2. Suggested Surface-Mount Capacitors and Manufacturers (C1 and C2)
MANUFACTURER
CAPACITOR
VALUE
DESCRIPTION
PHONE
WEBSITE
1
µF to 10µF
X7R Ceramic
AVX
10
µF to 330µF
TAJ Tantalum Series
TPS Tantalum Series
843-448-9411
www.avxcorp.com
1
µF to 22µF
X5R/X7R Ceramic
10
µF to 330µF
T494 Tantalum Series
Kemet
68
µF to 330µF
T520 Tantalum Series
864-963-6300
www.kemet.com
Sanyo
33
µF to 330µF
TPC Polymer Series
408-749-9714
www.secc.co.jp
Taiyo Yuden
33
µF to 330µF
X5R/X7R Ceramic
800-368-2496
www.t-yuden.org
TDK
1
µF to 10µF
X7R Ceramic
847-803-6100
www.tdk.com
Vishay Sprague
10
µF to 330µF
594D Tantalum Series
595D Tantalum Series
203-452-5664
www.vishay.com
Chip Information
TRANSISTOR COUNT: 863


Similar Part No. - MAX1722EZK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722EZK+T MAXIM-MAX1722EZK+T Datasheet
1Mb / 13P
   1.5關A IQ, Step-Up DC-DC Converters in TSOT and 關DFN
2017
More results

Similar Description - MAX1722EZK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_13 Datasheet
255Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in TSOT
Rev 2; 5/13
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX5025 MAXIM-MAX5025 Datasheet
258Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
MAX5028EUT MAXIM-MAX5028EUT Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com