Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC62D722CFG Datasheet(PDF) 1 Page - Marktech Corporate

Part # TC62D722CFG
Description  16-Output constant current LED driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D722CFG Datasheet(HTML) 1 Page - Marktech Corporate

  TC62D722CFG_15 Datasheet HTML 1Page - Marktech Corporate TC62D722CFG_15 Datasheet HTML 2Page - Marktech Corporate TC62D722CFG_15 Datasheet HTML 3Page - Marktech Corporate TC62D722CFG_15 Datasheet HTML 4Page - Marktech Corporate TC62D722CFG_15 Datasheet HTML 5Page - Marktech Corporate TC62D722CFG_15 Datasheet HTML 6Page - Marktech Corporate TC62D722CFG_15 Datasheet HTML 7Page - Marktech Corporate TC62D722CFG_15 Datasheet HTML 8Page - Marktech Corporate TC62D722CFG_15 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TC62D722CFG/CFNG
2011-09-24
1
TOSHIBA CDMOS Integrated Circuit Silicone Monolithic
TC62D722CFG, TC62D722CFNG
16-Output constant current LED driver with the output gain control function and the PWM grayscale function
Feature
The TC62D722 series are LED drivers which have the sink-type
constant current output. This IC is most suitable for lighting the LED
module and the display.
The output gain control function of 8-bit and the PWM grayscale
function of 16, 14, 12, and 10-bit are built into this IC.
Output current value of 16 channels is set by one external
resistance.
In addition, the thermal shutdown function, the output open
detection function, and the output short detection function are built
in.
Characteristics
 Supply voltage
: VDD  3.0 to 5.5 V
 16-output built-in
 Output current setup range
: IOUT  1.5 to 90 mA
 Constant current output accuracy
(@ REXT = 1.2 k, VOUT = 1.0 V, VDD = 3.3 V, 5.0 V)
: S rank;Between outputs
 1.5 % (max), Between devices:  1.5 % (max)
: N rank;Between outputs
 2.5 % (max), Between devices:  2.5 % (max)
 Output voltage
: VOUT  17 V (MAX)
 I/O interface
: CMOS interfaces (Input of a schmitt trigger)
 Data transfer frequency
: fSCK  30 MHz (MAX)
 PWM frequency
: fPWM  33 MHz (MAX)
 Operation temperature range
: Topr  40 to 85 C
 8-bit (256 steps) output gain control function built-in.
 PWM gray scale function built-in. (PWM resolution is selectable)
16-bit (65536 steps), 14-bit (16384 steps)
12-bit (4096 steps), 10-bit (1024 steps)
 Thermal shutdown function (TSD) built-in.
 Output error detection function built-in.
This function has the automatic operation and the command input manual operation.
Output open detection function (OOD) and output short detection function (OSD) built-in.
 Power-on-reset function built-in. (When the power supply is turned on, internal data is reset)
 Stand-by function built-in. (IDD=1μA at standby mode)
 Output delay function built-in. (Output switching noise is reduced)
 Package
CFG type
: SSOP24-P-300-1.00B
CFNG type
: HTSSOP24-P-300-0.65
Please ask Toshiba sales dept or agent for details for products’ name.
TC62D722CFG
SSOP24-P-300-1.00B
TC62D722CFNG
HTSSOP24-P-300-0.65
Weight
SSOP24-P-300-1.00B : 0.32 g (Typ.)
HTSSOP24-P-300-0.65 : 0.10 g (Typ.)


Similar Part No. - TC62D722CFG_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D722CFG TOSHIBA-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results

Similar Description - TC62D722CFG_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com