Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1741EUB Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1741EUB
Description  SIM/Smart Card Level Translators in uMAX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1741EUB Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1741EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1741EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1741EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1741EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1741EUB Datasheet HTML 8Page - Maxim Integrated Products MAX1741EUB Datasheet HTML 9Page - Maxim Integrated Products MAX1741EUB Datasheet HTML 10Page - Maxim Integrated Products MAX1741EUB Datasheet HTML 11Page - Maxim Integrated Products MAX1741EUB Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SIM/Smart Card Level Translators
in µMAX
_______________________________________________________________________________________
9
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
Applications Information
SIM/Smart Card Interface
To provide 5V when interfacing with a 5V SIM/smart
card, 3V systems require a DC-DC converter. The
MAX1686H +5V regulating charge pump for SIM cards
provides 0V/3V/5V for full compatibility with SIM/smart
card specifications. Figure 4 shows the charge pump
for SIM card applications. Alternatively, the MAX619
generates a regulated 5V from input voltages as low as
2V.
SPI/QSPI/MICROWIRE Interface
The MAX1740/MAX1741 are also useful as 3V/5V level
shifters in SPI, QSPI, and MICROWIRE applications
(Figure 5). On the slave side, connect CLK to SCLK,
RST to CS, and IO to DOUT and DIN. The unidirectional
level shifters transfer chip select and clock signals to
the slave device(s), while the bidirectional level shifter
transfers data.
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1500
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 3a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 3b. Human Body Model Current Waveform
VCC
SIM OR
SMART
CARD
SYSTEM
CONTROLLER
CLK
RST
IO
GND
GND
IO
CLK
RST
OUT
GND
PGND
GND
VCC
DVCC
DVCC
+3.0V
3.0V OR 5.0V
MAX1740
MAX1741
MAX1686
MAX1686H
SHDN*
SHDN
3/5
OPTIONAL
RIN
IN
CXN
CXP
CIN
OPTIONAL
DATA
DDRV*
SHDN FOR MAX1740 ONLY
DDRV FOR MAX1741 ONLY
*
Figure 4. Using MAX1740/MAX1741 and MAX1686/MAX1686H
Charge Pump for SIM Card Applications
VCC
SPI/QSPI/
MICROWIRE
SYSTEM
SYSTEM
CONTROLLER
SCLK
CS
DOUT
DIN
GND
GND
IO
CLK
RST
OUT
SET
PGND
GND
VCC
DVCC
DVCC
+5.0V
+3.3V
MAX1740
MAX1741
MAX8867
MAX8860
SHDN*
SHDN
OPTIONAL
RIN
IN
CIN
OPTIONAL
DATA
DDRV*
SHDN FOR MAX1740 ONLY
DDRV FOR MAX1741 ONLY
*
Figure 5. MAX1740/MAX1741 with SPI/QSPI/MICROWIRE
Interfaces
TRANSISTOR COUNT: 114
___________________Chip Information


Similar Part No. - MAX1741EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
   Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX17410 MAXIM-MAX17410 Datasheet
1Mb / 20P
   Intel IMVP-6 Code-Set Compliant
Rev 0; 1/09
MAX17410EVKIT MAXIM-MAX17410EVKIT Datasheet
1Mb / 20P
   Intel IMVP-6 Code-Set Compliant
Rev 0; 1/09
MAX17410EVKIT++ MAXIM-MAX17410EVKIT+ Datasheet
1Mb / 20P
   Intel IMVP-6 Code-Set Compliant
Rev 0; 1/09
MAX17410GTM++ MAXIM-MAX17410GTM+ Datasheet
979Kb / 45P
   Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
More results

Similar Description - MAX1741EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
logo
Nexperia B.V. All right...
NXT4556 NEXPERIA-NXT4556 Datasheet
268Kb / 19P
   SIM card interface level translator
Rev. 2 - 15 June 2022
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com