Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1740 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1740
Description  SIM/Smart Card Level Translators in uMAX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1740 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1740 Datasheet HTML 4Page - Maxim Integrated Products MAX1740 Datasheet HTML 5Page - Maxim Integrated Products MAX1740 Datasheet HTML 6Page - Maxim Integrated Products MAX1740 Datasheet HTML 7Page - Maxim Integrated Products MAX1740 Datasheet HTML 8Page - Maxim Integrated Products MAX1740 Datasheet HTML 9Page - Maxim Integrated Products MAX1740 Datasheet HTML 10Page - Maxim Integrated Products MAX1740 Datasheet HTML 11Page - Maxim Integrated Products MAX1740 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
All level translation is valid for DVCC
≥ VCC or DVCC
VCC. The MAX1740/MAX1741 contain internal pull-up
resistors from DATA to the controller-side supply
(DVCC) and from IO to the card-side supply (VCC). For
push-pull controller outputs, see the Data Driver section
for bidirectional data translation.
Data Driver (MAX1741 only)
When using a microcontroller (µC) without an open-drain
output, use the data driver (DDRV) input to send data to
the SIM/smart card, while DATA provides the controller-
side output for bidirectional data transfer. When not
used, connect DDRV to DVCC to reduce total supply cur-
rent.
Shutdown Mode
For the MAX1740, drive SHDN low to activate shut-
down. Connect SHDN to DVCC or drive high for normal
operation. To allow for card insertion and removal, shut-
down mode actively pulls CLK, RST, and IO low; it also
disconnects the internal 10k
Ω pull-up resistor from VCC
to prevent excessive current draw. Shutdown mode
reduces the total supply current (IDVCC + IVCC) to
0.01µA.
SIM/Smart Card Insertion/Removal
The SIM/smart card specifications require that the
card-side pins (VCC, CLK, RST, IO) be at ground
potential prior to inserting the SIM/smart card. For
applications using the MAX1686H (Figure 4), the easi-
est way to achieve this is by shutting down the
MAX1686H or by driving SHDN (MAX1740 only) low. If
specific sequencing is desired, pull IO low by driving
either DATA or DDRV (MAX1741 only) low, and pull
CLK and RST low by driving CIN and RIN low, respec-
tively.
ESD Protection
As with all Maxim devices, ESD-protection structures
on all pins protect against electrostatic discharges
(ESDs) encountered during handling and assembly.
For further protection during card insertion and
removal, the pins that connect to the card socket (CLK,
RST, IO, VCC, and GND) provide protection against
±10kV of ESD, according to the Human Body Model.
The ESD structures withstand high ESD in all states:
normal operation, shutdown, and power-down. After an
ESD event, the MAX1740/MAX1741 continue working
without latchup.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report documenting test
setup, test methodology, and test results.
Human Body Model
Figure 3a shows the Human Body Model, and Figure
3b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
SIM/Smart Card Level Translators
in µMAX
8
_______________________________________________________________________________________
Figure 2. Typical Application Circuit and Functional Diagram
VCC
SIM OR
SMART CARD
SYSTEM
CONTROLLER
CLK
RST
1
µF
GND
GND
CLK
RST
GND
VCC
DVCC
DVCC
MAX1740
MAX1741
SHDN*
OPTIONAL
RIN
CIN
20k
10k
OPTIONAL
DATA
DDRV*
SHDN FOR MAX1740 ONLY
DDRV FOR MAX1741 ONLY
*
SHUTDOWN
CONTROL
IO
IO
1
µF
DVCC
VCC


Similar Part No. - MAX1740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX17409GTI++ MAXIM-MAX17409GTI+ Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
More results

Similar Description - MAX1740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
logo
Nexperia B.V. All right...
NXT4556 NEXPERIA-NXT4556 Datasheet
268Kb / 19P
   SIM card interface level translator
Rev. 2 - 15 June 2022
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com