Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IEC-1120 Datasheet(PDF) 2 Page - Level One

Part # IEC-1120
Description  10/100 Industrial Media Converter, SC SM 20KM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

IEC-1120 Datasheet(HTML) 2 Page - Level One

  IEC-1120 Datasheet HTML 1Page - Level One IEC-1120 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
IEC-1120
- 10/100IndustrialMediaConverter,SCSM20KM,-10to60C
Specications
Package Contents
IEC-1120
Quick Installation Guide
www.level1.com
one world_one brand_one level_
Technology
Standards
IEEE802.3 10BASE-T,
IEEE802.3u 100BASE-TX/100BASE-FX, IEEE802.3x
Forward and
Filtering Rate
14,880pps for 10Mbps
148,810pps for 100Mbps
Packet Buffer
Memory
384K bits
Processing
Type
Store-and-Forward
Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
Environment
Operating
Temperature
-10°C to 60°C (14°F to 140°F)
Test @ -20°C to 70°C (-4°F to 158°F)
Storage
Temperature
-25°C to 85°C (-13°F to 185°F)
Ambient
Relative
Humidity
5% to 95% (non-condensing)
Regulatory Approvals
ISO
Manufactured in an ISO9001 facility
Safety
UL60950-1, EN60950-1, IEC60950-1
EMI
FCC Part 15, Class A, VCCI
EN61000-6-4
- EN55022
- EN61000-3-2
- EN61000-3-3
EMS
EN61000-6-2
- EN61000-4-2 (ESD Standards)
Contact: + / - 6KV
Air: + / - 8KV
- EN61000-4-3 (Radiated RFI Standards)
10V/m, 80 to 1000MHz; 80% AM
3V/m, 1400 to 2000MHz; 80% AM
1V/m, 2000 to 3000MHz; 80% AM
- EN61000-4-4 (Burst Standards)
Signal Ports: + / - 4.4KV
D.C. Power Ports: + / - 4.4KV
- EN61000-4-5 (Surge Standards)
Signal Ports: + / - 1KV; Line-to-Line
D.C. Power Ports: + / - 0.5KV; Line-to-earth
- EN61000-4-6 (Induced RFI Standards)
Signal Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
D.C. Power Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
- EN61000-4-8 (Magnetic Field Standards)
30A/m @ 50, 60Hz
Environmental
Test
Compliance
IEC60068-2-6 Fc (Vibration Resistance)
5g @ 10 - 150Hz, Amplitude 0.35mm (Operation/Storage/
Transport)
IEC60068-2-27 Ea (Shock)
25g @ 11ms (Half-Sine Shock Pulse; Operation)
50g @ 11ms (Half-Sine Shock Pulse; Storage/Transport)
FED STD 101C Method 5007.1 (Free fall w/ package)
-Tested with Cross Weight and Drop High standard table
Power
Input
Input Voltage: 12 to 48VDC (Terminal Block)
Power
Consumption
4.3W Max. 0.3A @ 12VDC, 0.15A @ 24VDC,
0.07A @ 48VDC
Reverse
Polarity
Protection
Present
Mechanical
Casing
Plastic case
IP30
Dimensions
26mm (W) x 70mm (D) x 110mm (H)
(1.02" (W) x 2.76" (D) x 4.33" (H))
Weight
0.2Kg (0.44lb.)
Installation
DIN-Rail (Top hat type 35mm) Mounting
Interface
Ethernet Port
10/100BASE-TX: 1 port
100BASE-FX: 1 port
LED Indicators
Per Unit: Power Status (Power1, Power2)
Per Port: 10/100TX, 100FX: Link/Activity (Green),
Speed (Yellow)
MTBF
121.40 years


Similar Part No. - IEC-1120

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-1100 LVL1-IEC-1100 Datasheet
285Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM
IEC-1140 LVL1-IEC-1140 Datasheet
296Kb / 2P
   10/100 Industrial Media Converter, SC SM 40KM
More results

Similar Description - IEC-1120

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-1820 LVL1-IEC-1820 Datasheet
329Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
IEC-1840 LVL1-IEC-1840 Datasheet
329Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
IEC-1040 LVL1-IEC-1040 Datasheet
319Kb / 2P
   10/100 Industrial Media Converter, SC SM 40KM
IEC-1140 LVL1-IEC-1140 Datasheet
296Kb / 2P
   10/100 Industrial Media Converter, SC SM 40KM
IEC-1100 LVL1-IEC-1100 Datasheet
285Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM
IEC-1000 LVL1-IEC-1000 Datasheet
317Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM
IEC-1800 LVL1-IEC-1800 Datasheet
327Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM, -40
IEC-2000 LVL1-IEC-2000 Datasheet
316Kb / 2P
   10/100/1000 Industrial Media Converter
IEC-2002 LVL1-IEC-2002 Datasheet
329Kb / 2P
   10/100/1000 Industrial Media Converter
IEC-2001 LVL1-IEC-2001 Datasheet
328Kb / 2P
   10/100/1000 Industrial Media Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com