Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBD353 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMBD353
Description  Schottky barrier double diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBD353 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMBD353_15 Datasheet HTML 1Page - NXP Semiconductors PMBD353_15 Datasheet HTML 2Page - NXP Semiconductors PMBD353_15 Datasheet HTML 3Page - NXP Semiconductors PMBD353_15 Datasheet HTML 4Page - NXP Semiconductors PMBD353_15 Datasheet HTML 5Page - NXP Semiconductors PMBD353_15 Datasheet HTML 6Page - NXP Semiconductors PMBD353_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2001 Oct 15
5
NXP Semiconductors
Product data sheet
Schottky barrier double diode
PMBD353
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PMBD353_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD353 PHILIPS-PMBD353 Datasheet
47Kb / 8P
   Schottky barrier double diode
1999 May 25
PMBD353 NXP-PMBD353 Datasheet
99Kb / 7P
   Schottky barrier double diode
2001 Oct 15
PMBD353 NXP-PMBD353 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
PMBD353 NEXPERIA-PMBD353 Datasheet
256Kb / 8P
   Schottky barrier double diode
2001 Oct 15
More results

Similar Description - PMBD353_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD354 NXP-PMBD354 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
   Schottky barrier double diode
1998 Jul 10
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
   Schottky barrier double diode
2003 Apr 11
BAT74V PHILIPS-BAT74V_15 Datasheet
198Kb / 7P
   Schottky barrier double diode
2002 Sep 02
logo
Nexperia B.V. All right...
BAT160C NEXPERIA-BAT160C Datasheet
196Kb / 8P
   Schottky barrier double diode
22 September 2022
logo
NXP Semiconductors
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
   Schottky barrier double diode
Rev. 03-19 April 2010
PMBD354 PHILIPS-PMBD354_15 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT74V PHILIPS-BAT74V Datasheet
51Kb / 8P
   Schottky barrier double diode
2002 Sep 02
PBYR2100CT PHILIPS-PBYR2100CT Datasheet
47Kb / 8P
   Schottky barrier double diode
1999 May 25
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com