Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1724EZK33 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1724EZK33
Description  1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1724EZK33 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1724EZK33 Datasheet HTML 1Page - Maxim Integrated Products MAX1724EZK33 Datasheet HTML 2Page - Maxim Integrated Products MAX1724EZK33 Datasheet HTML 3Page - Maxim Integrated Products MAX1724EZK33 Datasheet HTML 4Page - Maxim Integrated Products MAX1724EZK33 Datasheet HTML 5Page - Maxim Integrated Products MAX1724EZK33 Datasheet HTML 6Page - Maxim Integrated Products MAX1724EZK33 Datasheet HTML 7Page - Maxim Integrated Products MAX1724EZK33 Datasheet HTML 8Page - Maxim Integrated Products MAX1724EZK33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.5µA IQ, Step-Up DC-DC Converters
in Thin SOT23-5
4
_______________________________________________________________________________________
Typical Operating Characteristics
(Figure 3 (MAX1723), Figure 7 (MAX1722), Figure 8 (MAX1724), VBATT = VIN = 1.5V, L = 10µH, CIN = 10µF, COUT = 10µF, TA = +25°C,
unless otherwise noted.)
0
40
120
80
160
200
02
13
4
5
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 2.5V
VOUT = 5.0V
VOUT = 3.3V
10
100
0.8
1.0
1.2
1.4
1.6
2.0
1.8
2.2
2.4
0.01
0.1
1
STARTUP VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
0.6
RESISTIVE LOAD
VOUT = 5.0V
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
1.8
1.6
2.0
1.0
2.0 2.5 3.0
1.5
3.5 4.0 4.5 5.0 5.5
OUTPUT VOLTAGE (V)
QUIESCENT CURRENT INTO OUT
vs. OUTPUT VOLTAGE
NO LOAD
100
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5.0V)
LOAD CURRENT (mA)
60
80
50
70
90
VIN = 2.0V
VIN = 3.3V
VIN = 4.0V
VIN = 1.5V
VIN = 1.0V
L = DO1606
100
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 3.3V)
LOAD CURRENT (mA)
60
80
50
70
90
VIN = 2.0V
VIN = 2.5V
VIN = 1.5V
VIN = 1.0V
L = DO1606
100
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 2.5V)
LOAD CURRENT (mA)
60
80
50
70
90
VIN = 1.5V
VIN = 2.0V
VIN = 1.0V
L = DO1606
0
0.4
0.2
0.8
0.6
1.0
1.2
-40
85
STARTUP VOLTAGE vs.
TEMPERATURE
TEMPERATURE (
°C)
10
-15
35
60
NO LOAD
1
µs/div
ILX
500mA/div
VOUT
50mV/div
VLX
2V/div
SWITCHING WAVEFORMS
IOUT = 50mA, VOUT = 5.0V, VIN = 3.3V


Similar Part No. - MAX1724EZK33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1724EZK33+T MAXIM-MAX1724EZK33+T Datasheet
1Mb / 13P
   1.5關A IQ, Step-Up DC-DC Converters in TSOT and 關DFN
2017
More results

Similar Description - MAX1724EZK33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_13 Datasheet
255Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in TSOT
Rev 2; 5/13
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX5025 MAXIM-MAX5025 Datasheet
258Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
MAX5028EUT MAXIM-MAX5028EUT Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com