Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1729 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1729
Description  ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1729 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1729 Datasheet HTML 3Page - Maxim Integrated Products MAX1729 Datasheet HTML 4Page - Maxim Integrated Products MAX1729 Datasheet HTML 5Page - Maxim Integrated Products MAX1729 Datasheet HTML 6Page - Maxim Integrated Products MAX1729 Datasheet HTML 7Page - Maxim Integrated Products MAX1729 Datasheet HTML 8Page - Maxim Integrated Products MAX1729 Datasheet HTML 9Page - Maxim Integrated Products MAX1729 Datasheet HTML 10Page - Maxim Integrated Products MAX1729 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
inductor current to ramp down and VPS to increase. If, at
the end of tOFF, VPS - VOUT is still too low, then another
tON is initiated immediately. Otherwise, the boost con-
verter remains idle in a low-quiescent-current state until
VPS - VOUT drops again and the error comparator initi-
ates another cycle.
Linear Regulator
The PNP low-dropout linear regulator of the MAX1729
regulates the boost-converter output to the desired out-
put voltage. The boost converter’s regulation circuitry
holds the linear regulator’s input voltage (VPS) approxi-
mately 0.6V above the output voltage to keep the regu-
lator out of dropout, thereby enhancing ripple rejection.
The linear regulator incorporates short-circuit protec-
tion, which limits the output current to approximately
6mA.
Temperature Sensor Output
The MAX1729 generates a temperature sensor voltage
(VTC) that varies at 16.5mV/°C (typ) and is nominally
equal to the reference voltage at room temperature. TC
is capable of sinking or sourcing 50µA. This output is
used to compensate for ECB color or LCD contrast
variations caused by changes in temperature. It may
be read with an ADC and used to modify an external
PWM control signal or, in external feedback mode,
summed directly into the feedback-resistor network.
Control Signal
An externally generated PWM control signal on CTLIN
controls VOUT in internal feedback mode and influ-
ences VOUT in external feedback mode. In either mode,
if CTLIN is held low for longer than 1.24ms, the
MAX1729 enters shutdown mode, decreasing the sup-
ply current below 2µA. Shutdown mode limits the mini-
mum duty cycle and frequency that may be used to
keep the device active. CTLIN frequencies between
2kHz and 12kHz are recommended.
Internal Feedback Mode
In internal feedback mode, the signal at CTLIN is inverse-
ly buffered, level-shifted, and output at COMP through a
resistor. Internal resistance (33k
Ω typical) and C6 then fil-
ter the signal before it is used by the internal feedback
network to set VOUT. If temperature compensation is
used, the temperature sensor output voltage is read by
an ADC and used to adjust the duty cycle of the PWM
control signal. See the
Designing for Internal Feedback
Mode section for more information.
External Feedback Mode
In external feedback mode, the output voltage of the
MAX1729 is controlled by the duty cycle of the PWM
control signal and an external resistor network, as
shown in Figure 3. In this mode, the signal at CTLIN is
inverted, level-shifted, and presented directly to COMP.
R3, R4, and C6 filter the signal, before it is summed into
the feedback node.
Design Procedure
Designing for Internal Feedback Mode
For a 3kHz PWM control signal use a 1µF low-leakage
ceramic capacitor for C6. For applications requiring a
higher-frequency PWM control signal, reduce the value
of C6 to between 1µF and 0.22µF for frequencies
between 3kHz and 12kHz. Higher C6 values reduce
output ripple. In Figure 2, VOUT is governed by the fol-
lowing equation:
where VOUT(MIN) is 2.45V and Gain is nominally
13.95V/100%, as listed in the
Electrical Characteristics.
V
= V
Duty Cycle
Gain
OUT
OUT(MIN) +⋅
ECB and LCD Display Bias Supply with Accurate
Output Voltage and Temperature Compensation
_______________________________________________________________________________________
7
122mV
VREF
GND
NOTE: SWITCH STATES SHOWN FOR INTERNAL FEEDBACK MODE.
COMP
TC
LX
PS
OUT
MAX1729
IN
REF
FB
CTLIN
BOOST
CONVERTER
TEMPERATURE
SENSOR
VOLTAGE
REFERENCE
SHUTDOWN
CONTROL
LDO
LINEAR
REGULATOR
FEEDBACK
CONTROL
GND
Figure 1. Internal Block Diagram


Similar Part No. - MAX1729

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17290 MAXIM-MAX17290 Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCC MAXIM-MAX17290ETCC Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCD MAXIM-MAX17290ETCD Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCE MAXIM-MAX17290ETCE Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCF MAXIM-MAX17290ETCF Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
More results

Similar Description - MAX1729

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
Fairchild Semiconductor
FAN3850T FAIRCHILD-FAN3850T Datasheet
409Kb / 11P
   Microphone Pre-Amplifier with Temperature Compensation and Digital Output
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Samsung semiconductor
CL05C1R2CB5NNND SAMSUNG-CL05C1R2CB5NNND Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
logo
Maxim Integrated Produc...
MAX15158EVKIT MAXIM-MAX15158EVKIT Datasheet
1Mb / 15P
   Configurable Output Voltage and Compensation Parameters
Rev 2; 12/19
logo
Silicon Mitus, Inc.
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
logo
Pepperl+Fuchs Inc.
KT-LED-96-2R-24VDC PF-KT-LED-96-2R-24VDC Datasheet
784Kb / 3P
   Temperature control unit with LED display and 24 VDC supply voltage
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
   Dual Output LCD Bias for Smartphones and Tablets
logo
Maxim Integrated Produc...
MAX16064 MAXIM-MAX16064 Datasheet
1Mb / 52P
   ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface
Rev 0; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com