Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1717 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1717
Description  Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1717 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1717 Datasheet HTML 3Page - Maxim Integrated Products MAX1717 Datasheet HTML 4Page - Maxim Integrated Products MAX1717 Datasheet HTML 5Page - Maxim Integrated Products MAX1717 Datasheet HTML 6Page - Maxim Integrated Products MAX1717 Datasheet HTML 7Page - Maxim Integrated Products MAX1717 Datasheet HTML 8Page - Maxim Integrated Products MAX1717 Datasheet HTML 9Page - Maxim Integrated Products MAX1717 Datasheet HTML 10Page - Maxim Integrated Products MAX1717 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Dynamically Adjustable, Synchronous
Step-Down Controller for Notebook CPUs
_______________________________________________________________________________________
7
400
300
200
100
0
06
39
12
FREQUENCY vs. LOAD CURRENT
LOAD CURRENT (A)
300kHz VOLTAGE POSITIONED, CIRCUIT 2
SKIP MODE
PWM MODE
1250
1000
750
500
250
0
06
39
12
FREQUENCY vs. LOAD CURRENT
LOAD CURRENT (A)
1000kHz VOLTAGE POSITIONED, CIRCUIT 5
SKIP MODE
PWM MODE
400
350
300
250
200
515
10
20
25
FREQUENCY vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
300kHz VOLTAGE POSITIONED, CIRCUIT 2
IOUT = 12A
IOUT = 0.3A
1200
1000
800
600
400
515
10
20
25
FREQUENCY vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1000kHz VOLTAGE POSITIONED, CIRCUIT 5
IOUT = 12A
IOUT = 0.3A
300
310
330
320
340
350
-40
0
-20
20
40
60
80 85
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
300kHz VOLTAGE POSITIONED, CIRCUIT 2
0
10
5
20
15
25
30
-40
0
20
-20
40
60
85
80
OUTPUT CURRENT AT CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
300kHz VOLTAGE POSITIONED, CIRCUIT 2
0
1.0
0.5
2.0
1.5
2.5
3.0
010
5
152025
CONTINUOUS-TO-DISCONTINUOUS
INDUCTOR CURRENT POINT
INPUT VOLTAGE (V)
300kHz VOLTAGE POSITIONED, CIRCUIT 2
0
15
10
5
20
25
30
513
11
7
9
15 17 19 21 23 25
INDUCTOR CURRENT PEAKS AND
VALLEYS vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
AT CURRENT-LIMIT POINT
300kHz VOLTAGE POSITIONED, CIRCUIT 2
IPEAK
IVALLEY
1000
800
600
400
200
0
515
10
20
25
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
300kHz VOLTAGE POSITIONED, CIRCUIT 2,
SKIP MODE
ICC + IDD
I+
Typical Operating Characteristics (continued)
(Circuit of Figure 1, components of Table 1, V+ = +12V, VDD = VCC = SKP/SDN = +5V, VOUT = 1.6V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1717

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
   Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
MAX1710 MAXIM-MAX1710 Datasheet
299Kb / 28P
   High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
19-4781; Rev 0; 11/98
MAX17100 MAXIM-MAX17100 Datasheet
519Kb / 13P
   1.2MHz Step-Up Switching Frequency
Rev 0; 7/09
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX17100ETM++ MAXIM-MAX17100ETM+ Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
More results

Similar Description - MAX1717

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
   Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
STMicroelectronics
L6996 STMICROELECTRONICS-L6996 Datasheet
366Kb / 26P
   DINAMICALLY PROGRAMMABLE SYNCHRONOUS STEP DOWN CONTROLLER FOR MOBILE CPUs
logo
Maxim Integrated Produc...
MAX1712 MAXIM-MAX1712 Datasheet
437Kb / 28P
   High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
Maxim Integrated Produc...
MAX1710 MAXIM-MAX1710 Datasheet
299Kb / 28P
   High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
19-4781; Rev 0; 11/98
logo
STMicroelectronics
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com