Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1715EEI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1715EEI
Description  Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1715EEI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1715EEI Datasheet HTML 1Page - Maxim Integrated Products MAX1715EEI Datasheet HTML 2Page - Maxim Integrated Products MAX1715EEI Datasheet HTML 3Page - Maxim Integrated Products MAX1715EEI Datasheet HTML 4Page - Maxim Integrated Products MAX1715EEI Datasheet HTML 5Page - Maxim Integrated Products MAX1715EEI Datasheet HTML 6Page - Maxim Integrated Products MAX1715EEI Datasheet HTML 7Page - Maxim Integrated Products MAX1715EEI Datasheet HTML 8Page - Maxim Integrated Products MAX1715EEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Ultra-High Efficiency, Dual Step-Down
Controller for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to AGND..............................................................-0.3 to +30V
VDD , VCC to AGND..................................................-0.3V to +6V
PGND to AGND or VCC to VDD...........................................±0.3V
PGOOD, OUT_ to AGND..........................................-0.3V to +6V
ILIM_, FB_, REF, SKIP, TON,
ON_ to AGND ...........................................-0.3V to (VDD + 0.3V)
DL_ to PGND ..............................................-0.3V to (VDD + 0.3V)
BST_ to AGND........................................................-0.3V to +36V
DH1 to LX1 ...............................................-0.3V to (BST1 + 0.3V)
DH2 to LX2 ...............................................-0.3V to (BST2 + 0.3V)
LX1 to BST1..............................................................-6V to +0.3V
LX2 to BST2..............................................................-6V to +0.3V
REF Short Circuit to AGND.........................................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin QSOP (derate 8.0mW/°C above +70°C).....640mW/°C
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, 4A components from Table 1, VCC = VDD = +5V, SKIP = AGND, V+ = 15V, TA = 0°C to +85°C, unless otherwise
noted.) (Note 1)
ILOAD = 0 to 4A, each output
%
0.4
FB2 = GND
Battery voltage, V+
Input Voltage Range
V+ = 24V, OUT2 = 2V
Load Regulation Error
VCC = 4.5V to 5.5V, V+ = 4.5V to 28V
V+ = 24V, OUT1 = 2V
Adjustable mode, each output
Output 2 Error Comparator
Threshold (DC Output Voltage
Accuracy) (Note 2)
TON = GND
FB_ Input Bias Current
TON = GND
TON = open
VOUT_ = AGND
210
247
280
CONDITIONS
V
TON = REF
142
173
205
ms
TON = VDD
OUT_ Input Resistance
µA
Soft-Start Ramp Time
FB_ = AGND
Rising edge of ON_ to full current limit
2.475
2.5
2.525
V+ = 2V to 28V,
SKIP = VCC, TA = +25°C
ILOAD = 0 to 4A
V+ = 2V to 28V,
SKIP = VCC, TA = +25°C
ILOAD = 0 to 4A
ns
154
182
215
V
On-Time (PWM2)
ns
112
136
160
0.99
1.00
1.01
On-Time (PWM1)
V
1.7
0.99
1.00
1.01
300
353
407
1.782
1.8
1.818
-0.1
0.1
TON = open
292
336
380
TON = REF
75k
3.267
3.3
3.333
FB1 = VCC
FB1 = AGND
FB1 = OUT1
228
FB2 = OUT2
V
1
5.5
Output Voltage Range
%
0.2
198
234
270
Line Regulation Error
TON = VDD
420
484
550
UNITS
MIN
TYP
MAX
PARAMETER
Output 1 Error Comparator
Threshold (DC Output Voltage
Accuracy) (Note 2)
4.5
5.5
VDD, VCC
Output 1 Error Comparator
Threshold (DC Output Voltage
Accuracy) (Note 2)
V+ = 2V to 28V,
SKIP = VCC, TA = 0°C to +85°C
ILOAD = 0 to 4A
V
0.985
1.00
1.105
1.773
1.8
1.827
3.250
3.3
3.350
FB1 = VCC
FB1 = AGND
FB1 = OUT1
FB2 = GND
Output 2 Error Comparator
Threshold (DC Output Voltage
Accuracy) (Note 2)
2.463
2.5
2.538
V+ = 2V to 28V,
SKIP = VCC, TA = 0°C to +85°C
ILOAD = 0 to 4A
V
0.985
1.00
1.105
FB2 = OUT2


Similar Part No. - MAX1715EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
   Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
MAX1710 MAXIM-MAX1710 Datasheet
299Kb / 28P
   High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
19-4781; Rev 0; 11/98
MAX17100 MAXIM-MAX17100 Datasheet
519Kb / 13P
   1.2MHz Step-Up Switching Frequency
Rev 0; 7/09
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX17100ETM++ MAXIM-MAX17100ETM+ Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
More results

Similar Description - MAX1715EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com