Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1706 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1706
Description  1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1706 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1706 Datasheet HTML 1Page - Maxim Integrated Products MAX1706 Datasheet HTML 2Page - Maxim Integrated Products MAX1706 Datasheet HTML 3Page - Maxim Integrated Products MAX1706 Datasheet HTML 4Page - Maxim Integrated Products MAX1706 Datasheet HTML 5Page - Maxim Integrated Products MAX1706 Datasheet HTML 6Page - Maxim Integrated Products MAX1706 Datasheet HTML 7Page - Maxim Integrated Products MAX1706 Datasheet HTML 8Page - Maxim Integrated Products MAX1706 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = VPOUT = VLBP = 3.6V, CLK/SEL = FB = LBN = LBO = ONA = ONB = TRACK = GND, REF = open (bypassed with 0.22µF),
LX = open, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VOUT = VPOUT = VLBP = 3.6V, CLK/SEL = FB = LBN = LBO = ONA = ONB = TRACK = GND, REF = open (bypassed with 0.22µF),
LX = open, TA = -40°C to +85°C, unless otherwise noted, Note 4.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Minimum CLK/SEL Pulse
Internal Oscillator Frequency
260
300
340
kHz
200
ns
Maximum CLK/SEL
Rise/Fall Time
100
ns
CONDITIONS
CLK/SEL = OUT
Supply Current in
Low-Power Mode
IOUT
190
µA
CLK/SEL = 0V, FB = FBLDO = 1.5V, no load
Supply Current in Shutdown
IOUT
20
µA
ONA = 0V, ONB = OUT, measure IOUT
OUT Voltage in Track Mode
VLDO +
VLDO +
0.2
0.4
V
TRACK = OUT, VLDO > 2.3V
250
570
MAX1706
MAX1706
CLK/SEL = OUT
CLK/SEL = 0V
MAX1705
CLK/SEL = OUT
CLK/SEL = 0V
0.28
MAX1705
Switch On-Resistance
0.45
N-channel, ILX = 100mA
550
950
N-Channel MOSFET
Current Limit
ILIM
1000
1700
mA
CLK/SEL = OUT
250
570
0.50
CLK/SEL = 0V
P-channel, ILX = 100mA
PARAMETER
SYMBOL
MIN
TYP
MAX
P-Channel Synchronous-
Rectifier Turn-Off Current
UNITS
CONDITIONS
20
120
mA
Start-Up to Normal Mode
Transition Voltage
2.0
2.3
V
FB Regulation Voltage
1.215
1.251
V
CLK/SEL = OUT
Reference Output Voltage
1.235
1.265
V
IREF = 0µA
Oscillator Maximum Duty Cycle
80
86
90
%
External Oscillator
Synchronization Range
200
400
kHz
Supply Current in
Low-Noise Mode
IOUT
360
µA
CLK/SEL = OUT, VFB = VFBLDO = 1.5V,
no load
DC-DC CONVERTER
REFERENCE
DC-DC CONVERTER


Similar Part No. - MAX1706

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1706 MAXIM-MAX1706 Datasheet
277Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise
2000
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
MAX17061AETI++ MAXIM-MAX17061AETI+ Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
MAX17061AEVCMAXQU MAXIM-MAX17061AEVCMAXQU Datasheet
332Kb / 11P
   MAX17061A Evaluation Kit/Evaluation System
Rev 0; 5/09
More results

Similar Description - MAX1706

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
   1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com