Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-6620-00XBE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-6620-00XBE
Description  Compact Chassis for Mini-ITX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-6620-00XBE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-6620-00XBE Datasheet HTML 1Page - Advantech Co., Ltd. ARK-6620-00XBE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Installation
Dimensions
Unit: mm [inch]
156 [6.1”]
253 [10.0”]
Ø10
14
5
275.8 [10.9”]
299.98 [11.8”]
ARK-6610
ARK-6610
ARK-6620
ARK-6620
88 [3.5”]
232 [9.1”]
240 [9.4”]
297.8 [11.7”]
321.98 [12.7”]
14
Ø10
5
Chassis Ordering Information
Part Number
Power Supply
Power supply
Wattage
Support Mini
ITX MB type
AC power Mini ITX motherboard
ARK-6610-18ZBE
96PS-A180WFX
180W
AC power Mini
ITX MB
ARK-6620-18ZBE
96PS-A180WFX
180W
AC power Mini
ITX MB
DC Power Mini ITX motherboard
(AIMB-201DS / 212 / 213 / 214 / 215 / 223 / 224 / 225 / 230)
ARK-6610-00XBE
-
-
DC power Mini
ITX MB
ARK-6620-00XBE
-
-
DC power Mini
ITX MB
Optional Accessories
Part Number
Description
1750002561
52.5 CFM, 92 x 92 x 25.4 mm system cooling fan
(For ARK-6610)
1750006419
27.7 CFM, system cooling fan 60 x 60 x 13 mm
(For ARK-6620)
98R2662001E
VESA mounting kit for ARK-6620
1960014495N001
PSU cover for DC Motherboard configuration
ARK-6610/6620


Similar Part No. - ARK-6620-00XBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6620-00XBE ADVANTECH-ARK-6620-00XBE Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620-00XBE ADVANTECH-ARK-6620-00XBE Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
More results

Similar Description - ARK-6620-00XBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6610 ADVANTECH-ARK-6610_V01 Datasheet
955Kb / 2P
   Compact Chassis for Mini-ITX Motherboard
23-Mar-2018
ARK-6610 ADVANTECH-ARK-6610_12 Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620 ADVANTECH-ARK-6620 Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6622 ADVANTECH-ARK-6622_15 Datasheet
793Kb / 2P
   Compact Chassis with one front slot for Mini-ITX Motherboard
AIMB-C200 ADVANTECH-AIMB-C200_15 Datasheet
1,013Kb / 2P
   Economical Embedded Chassis for Mini-ITX Motherboard
AIMB-C200 ADVANTECH-AIMB-C200 Datasheet
1Mb / 2P
   Economical Embedded Chassis for Mini-ITX Motherboard
HPC-5000 ADVANTECH-HPC-5000 Datasheet
668Kb / 2P
   Small Tower Chassis for microATX / Mini-ITX Motherboard
31-Jan-2018
ARK-6610 ADVANTECH-ARK-6610 Datasheet
950Kb / 2P
   Compact Mini-ITX Chassis for Embedded Applications
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com