Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2151AVF1 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2151AVF1
Description  MONAURAL POWER AMP. & HEADPHONE POWER AMP. IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2151AVF1 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2151AVF1 Datasheet HTML 1Page - New Japan Radio NJM2151AVF1 Datasheet HTML 2Page - New Japan Radio NJM2151AVF1 Datasheet HTML 3Page - New Japan Radio NJM2151AVF1 Datasheet HTML 4Page - New Japan Radio NJM2151AVF1 Datasheet HTML 5Page - New Japan Radio NJM2151AVF1 Datasheet HTML 6Page - New Japan Radio NJM2151AVF1 Datasheet HTML 7Page - New Japan Radio NJM2151AVF1 Datasheet HTML 8Page - New Japan Radio NJM2151AVF1 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
j
j
j
j
NJM2151A
s
s
s
s TEST CIRCUIT
HP.SUSPEND
SP.SUSPEND
HP.V
+
SP.V
+
VR
VR
+
+
+
4444
10
HP.SUSPEND
SP.SUSPEND
9
8
7
BEEP IN
6
1k
0.47uF
18k
1k
15k
1k
0.47uF
0.47uF
33k
SP IN
5
22uF
4
1k
27k
0.47uF
3
LINE-IN-R
2
1
MUTE 1kΩ
27k
0.47uF
LINE-IN-L
EVR
20
HP.V
+
100
47uF
19
HP.OUT L
18
47uF
100
HP.OUT R
17
HP GND
16
SP.V
+
15
390k
8
SP.OUT 1
14
13
SP.OUT 2
12
11
LM
SP.GND
SYS.BEEP IN
s
s
s
s CONTROL TERMINAL EXPLANATION
1:MUTE CTRL (3pin)
PARAMETER
STATUS
NOTE
HP. Mute On
H
HP.AMP. is not given off signal.
HP. Mute Off
L
HP.AMP. is given off signal.
2:HP.SUSPEND CTRL (9pin)
PARAMETER
STATUS
NOTE
HP. Suspend Off
H
HP.AMP. is active.
HP. Suspend On
L
HP.AMP. is non-active.
3:SP.SUSPEND CTRL (10pin)
PARAMETER
STATUS
NOTE
SP. Suspend Off
H
SP.AMP. is active.
SP. Suspend On
L
SP.AMP. is non-active.
4:LINE MIX ON/OFF CTRL (12pin)
PARAMETER
STATUS
NOTE
Line Mix Off
H
Signal don’t get in SP.AMP.
Line Mix On
L
Signal get in SP.AMP.


Similar Part No. - NJM2151AVF1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150AD NJRC-NJM2150AD Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150AM NJRC-NJM2150AM Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150AV NJRC-NJM2150AV Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
More results

Similar Description - NJM2151AVF1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4265 SANYO-LA4265 Datasheet
267Kb / 8P
   3.5W Monaural Power Amp
logo
Panasonic Semiconductor
AN7504SB PANASONIC-AN7504SB Datasheet
228Kb / 13P
   Pre-amp. and power amp. IC for 1.5 V headphone stereo
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Sanyo Semicon Device
LA4575 SANYO-LA4575 Datasheet
126Kb / 3P
   2-Channel Pre Power 3V Headphone Amp
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com