Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1A1212SZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1A1212SZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1A1212SZ Datasheet(HTML) 2 Page - AIMTEC

  AM1A1212SZ Datasheet HTML 1Page - AIMTEC AM1A1212SZ Datasheet HTML 2Page - AIMTEC AM1A1212SZ Datasheet HTML 3Page - AIMTEC AM1A1212SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM1A-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
2 of 4
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
15
24
4.5 – 9
9 - 18
18 - 36
36 - 75
VDC
Filter
Capacitor
Turn on Transient process time
1
ms
Start up time
50
ms
Absolute Maximum Rating
5 Vin
12 Vin
15 Vin
24 Vin
0-15
0-25
0-50
0-100
VDC
Peak Input Voltage time
100
ms
Input Reflected Ripple Current
See application circuit
35
mA pk-pk
Transient Recovery time
25% load step change
500
µs
Transient Response Deviation
25% load step change
±3
%
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
70
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous with auto recovery
Line voltage regulation (Single)
±0.2
%
Load voltage regulation (Single)
0% to 100% load
±1.0
%
Load voltage regulation (Dual)
0% to 100% load
±2.0
%
5% to 100% load
±1.0
%
Cross Regulation (Dual)
25% to 100% coupled
to full load
±5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise*
At 20MHz Bandwidth
50
mV p-p
*Measured with a 1µF ceramic capacitor.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
150 - 550
KHz
Max Case temperature
+105
oC
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-55 to +125
oC
Derating
Not Required
Cooling
Free air convection
Humidity
95
%
Case material
Non conductive black plastic
Weight
3.0
g
Dimensions (L x W x H)
0.67 x 0.43 x 0.30 inch
17.0 x 10.9 x 7.6 mm
MTBF
>2,800,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified


Similar Part No. - AM1A1212SZ

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
AM1A-12 RAYEX-AM1A-12 Datasheet
577Kb / 2P
   AM1 SERIES
More results

Similar Description - AM1A1212SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com