Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK315 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # SK315
Description  Low Forward Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SK315 Datasheet(HTML) 2 Page - Mospec Semiconductor

  SK315 Datasheet HTML 1Page - Mospec Semiconductor SK315 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK315
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
FIG-3 TYPICAL REVERSE CHARACTERISTICS
FIG-4 TYPICAL JUNCTION CAPACITANCE
PERCENT OF RATED REVERSE VOLTAGE (﹪)
REVERSE VOLTAGE (Volts)
Tj=25
oc
Tj=75
oc
Tj=125
o
FIG-5 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
5K-A


Similar Part No. - SK315

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SK315 SMC-SK315 Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER
logo
Diotec Semiconductor
SK315 DIOTEC-SK315 Datasheet
140Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK315 DIOTEC-SK315 Datasheet
141Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
DAESAN ELECTRONIC CORP.
SK315 DAESAN-SK315 Datasheet
264Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
SK315 SMCDIODE-SK315 Datasheet
780Kb / 4P
   SK315 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - SK315

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
   Low Forward Voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
   Low forward voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
   Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
   Low Forward Voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
   Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
   Low forward voltage
logo
Unisonic Technologies
TGBR20L45CL-TA3-T UTC-TGBR20L45CL-TA3-T Datasheet
154Kb / 3P
   Low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
   Low forward voltage
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
   low forward voltage
logo
Mospec Semiconductor
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
   Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
   Low Forward Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com