Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S08A150 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part No. S08A150
Description  Low Forward Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSPEC [Mospec Semiconductor]
Homepage  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S08A150 Datasheet(HTML) 1 Page - Mospec Semiconductor

  S08A150 Datasheet HTML 1Page - Mospec Semiconductor S08A150 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
S08A150
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal. The proprietary barrier technology allows for
reliable operation up to 150℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptators, DC/DC converters, free-
wheeling and polarity protection diodes.
Features
Low Forward Voltage.
Low Switching noise.
High Current Capacity
Guarantee Reverse Avalanche.
Guard-Ring for Stress Protection.
Low Power Loss & High efficiency.
150℃ Operating Junction Temperature
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
In compliance with EU RoHs 2002/95/EC directives
MAXIMUM RATINGS
Characteristic
Symbol
S08A150
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
V
RMS Reverse Voltage
VR(RMS)
105
V
Average Rectifier Forward Current
Total Device (Rated VR), TC=125℃
IF(AV)
8
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
16
A
Non-Repetitive Peak Surge Current (Surge
applied at rate load conditions halfware, single
phase, 60Hz)
IFSM
150
A
Operating and Storage Junction Temperature
Range
TJ , Tstg
-65 to +150
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθ j-c
4.0
/w
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
S08A150
Unit
Maximum Instantaneous Forward Voltage
( IF =8 Amp TC = 25℃)
( IF =8 Amp TC = 125℃)
VF
0.95
0.85
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
0.2
20
mA
SCHOTTKY BARRIER
RECTIFIERS
8 AMPERES
150 VOLTS
TO-220A
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
6.02
6.52
D
13.06
14.62
E
3.57
4.07
F
4.84
5.32
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
N
----
1.00
O
3.70
3.90


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn