Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1697REUT-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1697REUT-T
Description  60mA, SOT23 Inverting Charge Pump with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1697REUT-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1697REUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX1697REUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX1697REUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX1697REUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX1697REUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX1697REUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX1697REUT-T Datasheet HTML 10Page - Maxim Integrated Products MAX1697REUT-T Datasheet HTML 11Page - Maxim Integrated Products MAX1697REUT-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
60mA, SOT23 Inverting Charge Pump
with Shutdown
_______________________________________________________________________________________
9
Surface-Mount
Tantalum
PRODUCTION
METHOD
714-969-2491
803-946-0690
PHONE
603-224-1961
603-224-1430
714-960-6492
803-626-3123
FAX
MANUFACTURER
AVX
Matsuo
Sprague
SERIES
TPS series
267 series
593D, 595D series
714-969-2491
803-946-0690
AVX
Matsuo
714-960-6492
803-626-3123
X7R
X7R
Surface-Mount
Ceramic
Table 2. Capacitor Selection to Minimize
Output Resistance
Table 3. Capacitor Selection to Minimize
Capacitor Size
Table 1. Low-ESR Capacitor Manufacturers
Voltage Inverter
The most common application for these devices is a
charge-pump voltage inverter (Figure 1). This applica-
tion requires only two external components—capacitors
C1 and C2—plus a bypass capacitor, if necessary.
Refer to the
Capacitor Selection section for suggested
capacitor types.
Cascading Devices
Two devices can be cascaded to produce an even
larger negative voltage (Figure 4). The unloaded output
voltage is normally -2 · VIN, but this is reduced slightly
by the output resistance of the first device multiplied by
the quiescent current of the second. When cascading
more than two devices, the output resistance rises dra-
matically. For applications requiring larger negative
voltages, see the MAX865 and MAX868 data sheets.
Paralleling Devices
Paralleling multiple MAX1697s reduces the output resis-
tance. Each device requires its own pump capacitor
(C1), but the reservoir capacitor (C2) serves all devices
(Figure 5). Increase C2’s value by a factor of
n, where n
is the number of parallel devices. Figure 5 shows the
equation for calculating output resistance.
Combined Doubler/Inverter
In the circuit of Figure 6, capacitors C1 and C2 form the
inverter, while C3 and C4 form the doubler. C1 and C3
are the pump capacitors; C2 and C4 are the reservoir
capacitors. Because both the inverter and doubler use
part of the charge-pump circuit, loading either output
causes both outputs to decline toward GND. Make sure
the sum of the currents drawn from the two outputs
does not exceed 60mA.
Heavy Load Connected to a
Positive Supply
Under heavy loads, where a higher supply is sourcing
current into OUT, the OUT supply must not be pulled
above ground. Applications that sink heavy current into
OUT require a Schottky diode (1N5817) between GND
and OUT, with the anode connected to OUT (Figure 7).
Layout and Grounding
Good layout is important, primarily for good noise per-
formance. To ensure good layout, mount all compo-
nents as close together as possible, keep traces short
to minimize parasitic inductance and capacitance, and
use a ground plane.
MAX1697R
MAX1697S
MAX1697T
MAX1697U
12
35
125
250
22
6.8
2.2
1
12
12
12
12
PART
FREQUENCY
(kHz)
CAPACITOR
(µF)
TYPICAL
ROUT (Ω)
MAX1697R
MAX1697S
PART
MAX1697T
MAX1697U
FREQUENCY
(kHz)
CAPACITOR
(µF)
TYPICAL
ROUT (Ω)
12
35
125
250
10
3.3
1
0.47
17
17
17
17


Similar Part No. - MAX1697REUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
MAX16970 MAXIM-MAX16970 Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GEEA/V++ MAXIM-MAX16970GEEA/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GEEB/V++ MAXIM-MAX16970GEEB/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GTEB/V++ MAXIM-MAX16970GTEB/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
More results

Similar Description - MAX1697REUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com