Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1693EUB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1693EUB
Description  USB Current-Limited Switches with Fault Blanking
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1693EUB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1693EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
USB Current-Limited Switches
with Fault Blanking
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = +5V, TA = +25°C, unless otherwise noted.)
0
2
4
6
8
10
12
14
16
02
1
3456
QUIESCENT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
IOUT = O
VON = GND
9
11
10
13
12
15
14
16
-40
0
20
-20
40
60
80
100
QUIESCENT CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VIN = 5V
VIN = 3V
100
0.01
OFF-SUPPLY CURRENT
vs. TEMPERATURE
0.1
1
10
TEMPERATURE (°C)
-40
0
-20
20
40
60
80
100
VON = VIN
100
1000
0.01
-40
0
-20
40
100
80
OFF-SWITCH CURRENT vs. TEMPERATURE
0.1
1
10
TEMPERATURE (°C)
20
60
V0N = VIN
-40
0
-20
40
100
80
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
20
60
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
IOUT = 425mA
0
0.4
0.2
0.8
0.6
1.0
1.2
02
3
1
456
NORMALIZED OUTPUT CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
SHORT-CIRCUIT CURRENT
ILIMIT
0
40
20
80
60
140
120
100
160
-40
0
-20
20
40
60
80
100
TURN-ON TIME vs. TEMPERATURE
TEMPERATURE (°C)
ILOAD = 425mA
VIN = 3V
VIN = 5V
0
2
1
4
3
6
5
7
-40
0
20
-20
40
60
80
100
TURN-OFF TIME vs. TEMPERATURE
TEMPERATURE (°C)
ILOAD = 425mA
VIN = 3V
VIN = 5V
0
2
6
4
10
8
12
-40
0
20
-20
40
60
80
100
FAULT-BLANKING TIMEOUT
vs. TEMPERATURE
TEMPERATURE (°C)
IOUT = 850mA
VIN = 3V OR 5V


Similar Part No. - MAX1693EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16930 MAXIM-MAX16930 Datasheet
1Mb / 29P
   2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Rev 1; 7/13
MAX16931 MAXIM-MAX16931 Datasheet
1Mb / 29P
   2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Rev 1; 7/13
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
   2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX16932 MAXIM-MAX16932 Datasheet
580Kb / 11P
   fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
MAX16932EVKIT MAXIM-MAX16932EVKIT Datasheet
580Kb / 11P
   fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
More results

Similar Description - MAX1693EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
   Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
logo
Eutech Microelectronics...
EUP3545 EUTECH-EUP3545 Datasheet
92Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
EUP3548A EUTECH-EUP3548A Datasheet
86Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
logo
Maxim Integrated Produc...
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com