Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1693EUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1693EUB
Description  USB Current-Limited Switches with Fault Blanking
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1693EUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1693EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1693EUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
USB Current-Limited Switches
with Fault Blanking
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +5V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, ON, FAULT to GND.............................................-0.3V to +6V
OUT to GND ................................................-0.3V to (VIN + 0.3V)
Maximum Continuous Switch Current .....1.2A (internally limited)
OUT Short Circuit to GND ..........................................Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
Operating Temperature Range
MAX1693EUB/MAX1694EUB ..........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
V ON = GND, IOUT = 0
ISINK = 1mA, VIN = 3V
V ON = VIN or GND
(Note 1)
VIN = 2.7V to 3.6V
VIN = 2.7V to 5.5V
TA = +25°C
V ON = VIN = VOUT = 5.5V
Rising edge, 100mV hysteresis
V ON = VIN,
VIN = 5.5V,
VOUT = GND
OUT shorted to GND, MAX1693 only (Note 2)
CONDITIONS
V
0.4
VOL
FAULT Output Logic Low
Voltage
µA
±1
ON Input Leakage
V
2
VIH
ON Input Logic High Voltage
V
0.8
VIL
ON Input Logic Low Voltage
mA
500
700
ISC
Continuous Short-Circuit
Current Limit
µA
35
IQ
14
25
V
2.7
5.5
VIN
Operating Voltage
Quiescent Current
mA
700
850
1000
ILIMIT
Current Limit
m
72
150
RON
On-Resistance
125
60
90
µA
0.001
1
Off-Supply Current
V
2.0
2.6
UVLO
Undervoltage Lockout
0.01
2
µA
15
Off-Switch Leakage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Timer not running
Timer running
TA = +25°C
TA = 0°C to +85°C
VIN = 4.4V to 5.5V
VIN = 4.4V to 5.5V
VIN = 3V
VIN = VFAULT = 5.5V
µA
1
FAULT Output High Leakage
Current
From overcurrent condition to FAULT assertion
ms
710
13
tFB
Fault-Blanking Timeout Period
VIN = 5V, COUT = 150µF, RL = 15Ω,
from ON driven low to 50% full VOUT
ms
1
Start-Up Time
ILOAD = 400mA
µs
36
20
tOFF
Switch Turn-Off Time
ILOAD = 400mA
µs
80
200
tON
Switch Turn-On Time
°C
165
Thermal Shutdown Threshold
TA = 0°C to +85°C
VIN = 3.7V to 5.5V
2.4


Similar Part No. - MAX1693EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16930 MAXIM-MAX16930 Datasheet
1Mb / 29P
   2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Rev 1; 7/13
MAX16931 MAXIM-MAX16931 Datasheet
1Mb / 29P
   2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Rev 1; 7/13
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
   2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX16932 MAXIM-MAX16932 Datasheet
580Kb / 11P
   fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
MAX16932EVKIT MAXIM-MAX16932EVKIT Datasheet
580Kb / 11P
   fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
More results

Similar Description - MAX1693EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
   Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
logo
Eutech Microelectronics...
EUP3545 EUTECH-EUP3545 Datasheet
92Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
EUP3548A EUTECH-EUP3548A Datasheet
86Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
logo
Maxim Integrated Produc...
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com