Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AJAV-6751 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AJAV-6751
Description  Dual-Band Power Amplifier Module
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

AJAV-6751 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the
United States and other countries. All other brand and product names may be trademarks of
their respective companies.
Data subject to change. Copyright © 2015 Avago Technologies. All Rights Reserved.
AV02-4865EN – 2015-03-24
Pin Description
Pin #
Name
Description
Pin #
Name
Description
1
LB_EN
Low Band Enable
9
GND
RF input
2
LB_In
Low Band Input
10
CPLI
Coupler input
3
VBAT
DC Supply Voltage
11
HB_OUT
High band output
4
HB_In
Low Band Input
12
VCC
DC supply voltage
5
VM1
Mode Control
13
GND
Ground
6
VM0
Mode Control
14
LB_OUT
Low band output
7
HB_EN
High Band Enable
15
GND
Ground
8
CPLO
Coupler Output


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn