Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1677 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1677
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1677 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX1677 is a compact, high-efficiency, dual-out-
put boost converter for portable devices needing two
regulated supplies, typically for logic and liquid crystal
displays (LCDs). Operation with inputs as low as 0.7V
allows the MAX1677 to accept 1, 2, or 3-cell alkaline,
NiCd, or NiMH batteries as well as 1-cell lithium-ion bat-
teries. The device requires no external FETs and can
maintain regulation while consuming only 20µA, making
it ideal for hand-held pen-input and PDA devices oper-
ating with low-current “sleep” states.
The MAX1677’s primary regulator supplies up to
350mA at either a factory-preset 3.3V or an adjustable
2.5V to 5.5V output. On-chip synchronous rectification
provides efficiencies up to 95%. 300kHz (or externally
clocked) pulse-width-modulation (PWM) operation is
particularly suitable for applications needing low noise,
such as those with wireless features. The primary con-
verter also features pin-selectable pulse-frequency-
modulation (PFM) operation that consumes only 20µA.
A 1µA shutdown state also minimizes battery drain.
The MAX1677’s secondary step-up converter supplies up
to +28V or -28V for LCD bias, varactor tuning, or other
high-voltage, low-current functions. Other MAX1677 fea-
tures include precision reference, logic control inputs for
both regulators, and an uncommitted comparator for
low-battery detection or a reset function. The MAX1677
is supplied in Maxim’s compact 16-pin QSOP package,
which occupies no more space than a standard SO-8.
Applications
PDAs
Portable Phones
Hand-Held Terminals
Portable Instruments
Features
o No External FETs Required
o Main Output
Up to 350mA for Logic Supply
Fixed 3.3V or Adjustable (2.5V to 5.5V)
Synchronous Rectification for High Efficiency
(up to 95%)
300kHz (200kHz to 400kHz Synchronizable)
Fixed-Frequency PWM Operation
o Secondary Output
Up to +28V or -28V for LCD Bias
Programmable Current Limit
o 0.7V to 5.5V Input Voltage Range
o 20µA Quiescent Current
o 1µA Shutdown Current
o Low-Battery Comparator
o Small 16-Pin QSOP Package
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUT
POUT
LX
PGND
LCDGND
LCDLX
ON
LCDFB
GND
TOP VIEW
MAX1677
FB
LBI
LCDON
LBO
CLK/SEL
LCDPOL
REF
QSOP
19-1403; Rev 0; 11/98
PART
MAX1677EEE
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Pin Configuration
Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Typical Operating Circuit
MAX1677
LX
POUT
OUT
±28V
LCD
BOOST
OUTPUT
3.3V MAIN
BOOST OUTPUT
LCDFB
REF
FB
LCDGND
GND
LCDLX
LCDON
LBI
ON
OFF
LBO
CLK/SEL
ON
LCDPOL
PGND
PWM
PFM
ON
OFF
+VE OUT
-VE OUT
VIN = 0.7V to 5.5V
(UP TO MAINOUT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn