Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVSW119B-V1D1 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVSW119B-V1D1
Description  rohs compliant
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119B-V1D1 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVSW119B-V1D1 Datasheet HTML 1Page - NICHIA CORPORATION NVSW119B-V1D1 Datasheet HTML 2Page - NICHIA CORPORATION NVSW119B-V1D1 Datasheet HTML 3Page - NICHIA CORPORATION NVSW119B-V1D1 Datasheet HTML 4Page - NICHIA CORPORATION NVSW119B-V1D1 Datasheet HTML 5Page - NICHIA CORPORATION NVSW119B-V1D1 Datasheet HTML 6Page - NICHIA CORPORATION NVSW119B-V1D1 Datasheet HTML 7Page - NICHIA CORPORATION NVSW119B-V1D1 Datasheet HTML 8Page - NICHIA CORPORATION NVSW119B-V1D1 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NICHIA STS-DA1-3319 <Cat.No.141219>
2
RANKS
Item
Rank
Min
Max
Unit
M1
3.1
3.3
L2
2.9
3.1
Forward Voltage
L1
2.7
2.9
V
D290
290
310
D270
270
290
Luminous Flux
D250
250
270
lm
Rnn
Ra
-
-
-
Color Rendering Index
R70
Ra
70
-
-
Color Ranks
Rank c1
Rank c2
x
0.3300
0.3300
0.3610
0.3570
x
0.3300
0.3300
0.3570
0.3560
y
0.3390
0.3600
0.3850
0.3610
y
0.3180
0.3390
0.3610
0.3510
Rank sw50
x
0.3366
0.3376
0.3548
0.3515
y
0.3369
0.3616
0.3736
0.3487
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±9%
* Color Rendering Index Ra Tolerance: ±2.5
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
D250
D270
D290
c1,c2
Rnn
sw50
R70


Similar Part No. - NVSW119B-V1D1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NVSW119B-V1 NICHIA-NVSW119B-V1 Datasheet
486Kb / 22P
   rohs compliant
More results

Similar Description - NVSW119B-V1D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com