Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1669 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1669
Description  Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1669 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1669 Datasheet HTML 6Page - Maxim Integrated Products MAX1669 Datasheet HTML 7Page - Maxim Integrated Products MAX1669 Datasheet HTML 8Page - Maxim Integrated Products MAX1669 Datasheet HTML 9Page - Maxim Integrated Products MAX1669 Datasheet HTML 10Page - Maxim Integrated Products MAX1669 Datasheet HTML 11Page - Maxim Integrated Products MAX1669 Datasheet HTML 12Page - Maxim Integrated Products MAX1669 Datasheet HTML 13Page - Maxim Integrated Products MAX1669 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Fan Controller and Remote Temperature Sensor
with SMBus Serial Interface
10
______________________________________________________________________________________
ALERT Interrupts
The ALERT interrupt output signal is latched and can
only be cleared by reading the Alert Response
address. Interrupts are generated in response to THIGH
and TLOW comparisons, when there is a fault with the
remote diode, or when a high-to-low or low-to-high tran-
sition at I/O1 or I/O2 is detected.
The interrupt does not halt automatic conversions; new
temperature data continues to be available over the
SMBus interface after ALERT is asserted. The interrupt
output is open-drain so that devices can share a com-
mon interrupt line. The interface responds to the SMBus
Alert Response address, an interrupt pointer return-
address feature (see the Alert Response Address sec-
tion).
The ALERT interrupt latch is set when the temperature
exceeds an ALARM threshold. ALERT will not be set
again until the threshold is reprogrammed. This pre-
vents the ALERT latch from being set again during the
interval between reading the Alert Response address
and updating the offending alarm threshold. Note that
this behavior is identical to the MAX1618 but is slightly
different from the MAX1617, which continues to inter-
rupt until the temperature no longer exceeds the alarm
threshold. Note also that if some new alarm condition
occurs, such as crossing the other alarm threshold or
having a GPIO transition, a new interrupt is generated.
ALERT Response Address
The SMBus Alert Response interrupt pointer provides
quick fault identification for simple slave devices that
lack the complex, expensive logic needed to be a bus
master. Upon receiving an ALERT interrupt signal, the
host master can broadcast a receive byte transmission
to the Alert Response slave address (0001100b). Then
any slave device that generated an interrupt attempts
to identify itself by putting its own address on the bus
(Table 2).
The Alert Response can activate several different slave
devices simultaneously, similar to the I2C General Call.
If more than one slave attempts to respond, bus arbitra-
tion rules apply, and the device with the lower address
code wins. The losing device does not generate an
acknowledge and continues to hold the ALERT line low
until serviced. Successful reading of the alert response
address clears the interrupt latch.
Command Byte Functions
The 8-bit command byte register (Table 3) is the master
index that points to the MAX1669’s other registers. The
register’s POR state is 00000001b, so a receive byte
transmission (a protocol that lacks the command byte)
that occurs immediately after POR returns the current
remote temperature data.
One-Shot Conversion
The one-shot command immediately forces a new con-
version cycle to begin. In software standby mode
(STBY bit = 1), a new conversion starts, after which the
device returns to standby mode. If a conversion is in
progress when a one-shot command is received, the
command is ignored. If a one-shot command is
received in autoconvert mode (STBY bit = 0) between
conversions, a new conversion begins, the conversion
rate timer is reset, and the next automatic conversion
takes place after a full period.
Configuration Byte Functions
The configuration byte register (Table 4) is used to
mask (disable) interrupts, set the OVERT output polari-
ty, and put the device in software standby mode. Bit 1
of the configuration byte in Table 4 is for factory use
only and must be set to 1 (value at POR). This register’s
contents can be read back over the serial interface.
FAN PWM Frequency and
Duty Factor Control
The fan speed is controlled by the average voltage
applied to the fan. The average voltage is equal to the
product of the motor power-supply voltage and the
duty factor. The duty factor is equal to zero upon start-
up and it is software controlled. The FAN output fre-
quency is controlled by the PWM frequency register
unless this register’s code is set to 1111b (Table 5). A
PWM frequency code of 1111b puts the FAN output in
DAC mode. For all other codes, the FAN frequency is in
the 20Hz to 160Hz range as shown in Table 5. For the
possible synchronized frequencies, also see Table 5.
The FAN output duty factor is controlled by the FAN
duty factor register unless the PWM frequency code is
BIT
NAME
1
ADD1
2
ADD2
3
ADD3
4
ADD4
0 (LSB)
1
6
7 (MSB)
ADD7
ADD6
5
ADD5
FUNCTION
Logic 1
Provide the MAX1669
slave address
Table 2. Read Format for the Alert
Response Address (0001100b)


Similar Part No. - MAX1669

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX166 MAXIM-MAX166 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX1660 MAXIM-MAX1660 Datasheet
244Kb / 20P
   Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660 MAXIM-MAX1660 Datasheet
460Kb / 19P
   Digitally Controlled Fuel-Gauge Interface
2006
MAX1660EEE MAXIM-MAX1660EEE Datasheet
244Kb / 20P
   Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660EEE MAXIM-MAX1660EEE Datasheet
460Kb / 19P
   Digitally Controlled Fuel-Gauge Interface
2006
More results

Similar Description - MAX1669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
   Remote Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
   Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com