Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPG336CS Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSPG336CS
Description  rohs compliant
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPG336CS Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSPG336CS Datasheet HTML 1Page - NICHIA CORPORATION NSPG336CS Datasheet HTML 2Page - NICHIA CORPORATION NSPG336CS Datasheet HTML 3Page - NICHIA CORPORATION NSPG336CS Datasheet HTML 4Page - NICHIA CORPORATION NSPG336CS Datasheet HTML 5Page - NICHIA CORPORATION NSPG336CS Datasheet HTML 6Page - NICHIA CORPORATION NSPG336CS Datasheet HTML 7Page - NICHIA CORPORATION NSPG336CS Datasheet HTML 8Page - NICHIA CORPORATION NSPG336CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NICHIA STS-DA1-3422 <Cat.No.141225>
4
OUTLINE DIMENSIONS
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS
指令に適合しております
*
The dimension(s) in parentheses are for reference purposes.
括弧で囲まれた寸法は参考値です
*
STS-DA7-7000
NSPG336CS
(単位 Unit: mm, 公差 Tolerance: ±0.2)
ストッパー部詳細図
Lead Standoff
1
また
LED
。、
には鋭利な部分があります 特にリード部分は 人体を傷つける
、。
ことがありますので 取り扱いに際しては十分注意して下さい
タイバーを切り取った部分は鉄
が露出しております
*
The tie bar cut-end surface exhibits exposed iron base metal.
Care must be taken to handle the LEDs, as it may contain sharp parts
such as lead, and can cause injury.
レンズ樹脂部の形状は 同じ
336シリーズにおいても製品型番毎に
。、
それぞれ異なります 製品外形に関係する部品 治具等設計の際は
十分注意して下さい
*
Care must be taken to design LED shape-related parts and tools
as the lens shape varies by part number, even among the same
336 series products.
*
はんだメッキ部に素地の著しい露出はないこととします
No noticeable exposure of base metal of the lead with a solder-dipped finish.
緑色
(拡散剤入り)
Green(with diffuser)
レンズ色
Lens Color
項目
Item
樹脂材質
Resin Materials
内容
Description
エポキシ樹脂
Epoxy Resin
質量
Weight
0.17g(TYP)
リードフレーム材質
Lead Frame
Materials
+銀メッキ+鉛フリーはんだメッキ
Ag-plated and Lead-free Solder-plated Iron
1
7.4
Cathode
Anode
(2)
3
1.5 MAX Not Soldered
10.2±0.5
26.7±1


Similar Part No. - NSPG336CS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG336AS NICHIA-NSPG336AS Datasheet
245Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NSPG336BS NICHIA-NSPG336BS Datasheet
279Kb / 17P
   rohs compliant
More results

Similar Description - NSPG336CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com