Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLI-3110 Datasheet(PDF) 1 Page - Level One

Part # PLI-3110
Description  HomePlug Pro PoE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

PLI-3110 Datasheet(HTML) 1 Page - Level One

  PLI-3110 Datasheet HTML 1Page - Level One PLI-3110 Datasheet HTML 2Page - Level One PLI-3110 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

HomePlug Pro PoE
PLI-3110
H/W Version: 1
HomePlug Pro Series
The LevelOne HomePlug Pro Series™ takes home
networking to the next level. Following the HomePlug
A/V standard, users will enjoy 200 Mbps throughput
for all bandwidth-hungry applications, especially
high-definition audio/video.
HomePlug Pro PoE – Bringing Power over
Ethernet to the Masses!
Usually Power over Ethernet is a feature only available
to professional networking experts. But now end-
users can take advantage of PLI-3110 as a professional
PoE solution packed in a small device.
What is PoE?
Power over Ethernet allows data and power to be sent
over a single Ethernet cable. This is especially useful
for deploying surveillance cameras around the home
or office. It’s easy to run a cable up high in the ceiling,
but how are you supposed to send power to the
device?
PLI-3110 is the solution as it follows the 802.3af
standard, offering 15.4 Watts to any PoE-compatible
device.
What if my device isn’t PoE compatible?
No problem! There are very few PoE compatible
devices made for the home. Luckily all you need is a
PoE splitter and you can place your network camera
or VoIP phone anywhere within 100 meters of the
LevelOne HomePlug Pro PoE.
Key Features
- Follows the 200 Mbps HomePlug A/V standard for
fast audio/video streaming
- One LAN port + One PoE port
- Sends 48v DC power to a PoE Powered Device
- Use with PoE (802.3af) enabled IP Camera, VoIP,
Wireless AP, Routers, and PD Switch
- Compatible with most PoE Powered Devices
- 128-bit AES Link Encryption with Key Management
- 15.4watts (maximum) power sent to PoE port
- Security push button for group
- LED display for HomePlug linking quality
FCS-1101
PoE IP Camera
Works Well With
1. Power LED
2. HomePlug LED
3. Ethernet Port LED
4. Power Port
5. Security Button
6. Ethernet Port
7. PoE Port
FSW-0512
5-Port 10/100 PD Switch
1 2 3
4
6
7
5


Similar Part No. - PLI-3110

ManufacturerPart #DatasheetDescription
logo
Level One
PLI-3021 LVL1-PLI-3021 Datasheet
485Kb / 3P
   200Mbps Powerline Adapter
More results

Similar Description - PLI-3110

ManufacturerPart #DatasheetDescription
logo
Level One
PLI-2040 LVL1-PLI-2040 Datasheet
259Kb / 3P
   200Mbps HomePlug
logo
LinkCom Manufacturing C...
LTC0388-50R LINKCOM-LTC0388-50R Datasheet
70Kb / 1P
   HomePlug Transformer
LTC0508-50R LINKCOM-LTC0508-50R Datasheet
71Kb / 2P
   HomePlug Transformer
logo
Sumida Corporation
CBM98 SUMIDA-CBM98 Datasheet
214Kb / 1P
   HomePlug Transformer
logo
LinkCom Manufacturing C...
LTC0389-50R LINKCOM-LTC0389-50R Datasheet
67Kb / 1P
   HomePlug Transformer
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
   WEBVISIT PRO
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
   EasyMx PRO
logo
Infineon Technologies A...
SDA555X INFINEON-SDA555X Datasheet
62Kb / 2P
   TVText Pro
logo
XFMRS Inc.
XF1276-EFD15S XFMRS-XF1276-EFD15S_15 Datasheet
45Kb / 1P
   POE
logo
Linear Technology
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
   LTPoE/PoE/PoE PD Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com