Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2151A Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2151A
Description  MONAURAL POWER AMP. & HEADPHONE POWER AMP. IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2151A Datasheet(HTML) 1 Page - New Japan Radio

  NJM2151A Datasheet HTML 1Page - New Japan Radio NJM2151A Datasheet HTML 2Page - New Japan Radio NJM2151A Datasheet HTML 3Page - New Japan Radio NJM2151A Datasheet HTML 4Page - New Japan Radio NJM2151A Datasheet HTML 5Page - New Japan Radio NJM2151A Datasheet HTML 6Page - New Japan Radio NJM2151A Datasheet HTML 7Page - New Japan Radio NJM2151A Datasheet HTML 8Page - New Japan Radio NJM2151A Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
j
j
j
j
NJM2151A
MONAURAL POWER AMP. & HEADPHONE POWER AMP. IC
s GENERAL DESCRIPTION
s
s
s
s PACKAGE OUTLINE
s
s
s
s FEATURES
qOperating Voltage
(2.7V to 9.0V)
qElectric Volume Function (Headphone Amplifier)
qLINE Input Mode
qSystem BEEP Input
(Headphone)
qBEEP Level Control Function
qBEEP Input
(Monaural Amplifier)
qSuspend Mode
(Monaural Amplifier , Headphone Amplifier)
qMute Mode
(Headphone Amplifier)
qBipolar Technology
qPackage Outline
NJM2151A: DMP20,SSOP20,SSOP20-F1
s PIN CONFIGURATION
1
2
3
4
5
12
13
14
6
7
11
10
9
8
15
16
17
18
19
20
PIN CONFIGURATION
1. EVR
2. LINE IN L
3. MUTE
4. LINE IN R
5. BEEP BIAS
6. SYS.BEEP IN
7. SP.IN
8. BEEP IN
9. HP.SUSPEND
10.SP.SUSPEND
11.SP.GND
12.LM
13.SP.OUT 2
14.SP.OUT 1
15.BEEP LEVEL
16.SP.V
+
17.HP.GND
18.HP.OUT R
19.HP.OUT L
20.HP.V
+
The NJM2151A is a monaural audio power amplifier and
stereo headphone amplifier for wide voltage operation.
The NJM2151A was stereo headphone power amplifier
for low distortion single-end output , and monaural power
amplifier for high power bridge(BTL).
The NJM2151A operate low voltage supply , low
operating current and low power-down current.
The NJM2151A includes MUTE , SUSPEND mode, and
suitable for NOTE PC, PDA, CAMCODER, and other
battery equipment.
The NJM2151AVF1 is packaged in the power package.
NJM2151AM
NJM2151AV
NJM2151AVF1


Similar Part No. - NJM2151A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150AD NJRC-NJM2150AD Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150AM NJRC-NJM2150AM Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150AV NJRC-NJM2150AV Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
More results

Similar Description - NJM2151A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4265 SANYO-LA4265 Datasheet
267Kb / 8P
   3.5W Monaural Power Amp
logo
Panasonic Semiconductor
AN7504SB PANASONIC-AN7504SB Datasheet
228Kb / 13P
   Pre-amp. and power amp. IC for 1.5 V headphone stereo
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Sanyo Semicon Device
LA4575 SANYO-LA4575 Datasheet
126Kb / 3P
   2-Channel Pre Power 3V Headphone Amp
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com