Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1638 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1638
Description  High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1638 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1638 Datasheet HTML 1Page - Maxim Integrated Products MAX1638 Datasheet HTML 2Page - Maxim Integrated Products MAX1638 Datasheet HTML 3Page - Maxim Integrated Products MAX1638 Datasheet HTML 4Page - Maxim Integrated Products MAX1638 Datasheet HTML 5Page - Maxim Integrated Products MAX1638 Datasheet HTML 6Page - Maxim Integrated Products MAX1638 Datasheet HTML 7Page - Maxim Integrated Products MAX1638 Datasheet HTML 8Page - Maxim Integrated Products MAX1638 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
High-Speed Step-Down Controller with
Synchronous Rectification for CPU Power
_______________________________________________________________________________________
5
FOLDBACK CURRENT LIMIT
VO = 2.0V NOMINAL
A: VOUT = 0.5V/div
B: INDUCTOR CURRENT, 5A/div
A
B
10
µs/div
START-UP WAVEFORMS
A: VOUT = 0.5V/div
B: INDUCTOR CURRENT, 5A/div
A
B
400
µs/div
1
µs/div
SWITCHING WAVEFORMS
C
0
VIN = 5V, VOUT = 2.5V, LOAD = 5A
A: LX, 5V/div
C: INDUCTOR CURRENT,
B: VOUT, 20mV/div, AC COUPLED
5A/div
B
A
LOAD-TRANSIENT RESPONSE
WITHOUT GLITCHCATCHER (COUT = 880µF)
VIN = 5V, VOUT = 2.0V, LOAD = 14A, 3A/µs
A: VOUT, 50mV/div, AC COUPLED
B: INDUCTOR CURRENT, 10A/div
A
B
10
µs/div
LOAD-TRANSIENT RESPONSE
WITHOUT GLITCHCATCHER (COUT = 440µF)
VIN = 5V, VOUT = 2.0V, LOAD = 14A, 3A/µs
A: VOUT, 100mV/div, AC COUPLED
B: INDUCTOR CURRENT, 10A/div
A
B
10
µs/div
LOAD-TRANSIENT RESPONSE
WITH GLITCHCATCHER
COUT = 440µF, VIN = 5V, VOUT = 2.0V, LOAD = 14A, 30A/µs
A: VOUT, 100mV/div,
C: NDRV, 5V/div
AC COUPLED
D: INDUCTOR CURRENT,
B: PDRV, 5V/div
10A/div
A
D
B
C
10
µs/div
__________________________________________Typical Operating Characteristics
(TA = +25°C, using the MAX1638 evaluation kit, unless otherwise noted.)
100
90
30
0.1
10
100
EFFICIENCY vs. OUTPUT CURRENT
50
40
80
70
60
OUTPUT CURRENT (A)
1
VOUT = 2.0V
VOUT = 1.3V
VOUT = 3.5V
5.094
1.094
0.001
0.1
1
0.01
10
REFERENCE VOLTAGE
vs. OUTPUT CURRENT
1.594
2.094
OUTPUT CURRENT (mA)
2.594
3.594
3.094
4.094
4.594
SOURCING
CURRENT
SINKING
CURRENT
50
55
0
MAXIMUM DUTY CYCLE
vs. SWITCHING FREQUENCY
65
60
70
SWITCHING FREQUENCY (kHz)
85
95
90
75
80
200
800
1000
1200
100
600
400


Similar Part No. - MAX1638

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX163-MAX167 MAXIM-MAX163-MAX167 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1630AEAI MAXIM-MAX1630AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
More results

Similar Description - MAX1638

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
   High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com