Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC10DX-600 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYC10DX-600
Description  Hyperfast power diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10DX-600 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYC10DX-600_15 Datasheet HTML 1Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 2Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 3Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 8Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BYC10DX-600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 June 2011
3 of 12
NXP Semiconductors
BYC10DX-600
Hyperfast power diode
4.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse voltage
-
600
V
VRWM
crest working reverse voltage
-
600
V
VR
reverse voltage
DC
-
500
V
IF(AV)
average forward current
square-wave pulse;
δ = 0.5 ; Th =41°C;
see Figure 1; see Figure 2
-10
A
IFRM
repetitive peak forward current
square-wave pulse;
δ = 0.5 ; tp = 25 µs;
Th =41°C
-20
A
IFSM
non-repetitive peak forward current tp = 10 ms; sine-wave pulse; Tj(init) =25°C;
see Figure 3
-65
A
tp = 8.3 ms; sine-wave pulse; Tj(init) =25°C;
see Figure 3
-71
A
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
150
°C
Fig 1.
Forward power dissipation as a function of
average forward current; square waveform;
maximum values
Fig 2.
Forward power dissipation as a function of
average forward current; sinusoidal waveform;
maximum values
003aag301
IF(AV) (A)
015
10
5
10
20
30
Ptot
(W)
0
δ = 1
0.5
0.2
0.1
IF(AV) (A)
010
8
46
2
003aag302
10
15
5
20
25
Ptot
(W)
0
a = 1.57
1.9
2.2
2.8
4.0


Similar Part No. - BYC10DX-600_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC10DX-600 WEEN-BYC10DX-600 Datasheet
366Kb / 12P
   Hyperfast power diode
logo
Inchange Semiconductor ...
BYC10DX-600 ISC-BYC10DX-600 Datasheet
290Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - BYC10DX-600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com