Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC8X-600 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYC8X-600
Description  Hyperfast rectifier diode, low switching loss
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC8X-600 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYC8X-600_15 Datasheet HTML 1Page - NXP Semiconductors BYC8X-600_15 Datasheet HTML 2Page - NXP Semiconductors BYC8X-600_15 Datasheet HTML 3Page - NXP Semiconductors BYC8X-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC8X-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC8X-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC8X-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC8X-600_15 Datasheet HTML 8Page - NXP Semiconductors BYC8X-600_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BYC8X-600_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 13 March 2009
4 of 9
NXP Semiconductors
BYC8X-600
Hyperfast rectifier diode, low switching loss
6.
Isolation characteristics
7.
Characteristics
Table 6.
Isolation characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
f = 1 MHz; RH = 65 %; between all pins
and external heatsink
--2500
V
Cisol
isolation capacitance
from cathode to external heatsink
-
10
-
pF
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF =8A; Tj = 150 °C; see Figure 4
-
1.4
1.85
V
IF =8A; Tj =25°C
-
2
2.9
V
IF =16A; Tj = 150 °C
-
1.7
2.3
V
IR
reverse current
VR =500 V; Tj = 100 °C
-
1.1
3
mA
VR = 600 V
-
9
150
µA
Dynamic characteristics
Qr
recovered charge
IF =1A; dIF/dt = 100 A/µs
-
12
-
nC
trr
reverse recovery time
IF =8A; VR = 400 V; dIF/dt = 500 A/µs;
Tj = 100 °C
-32
40
ns
IF =1A; VR =30 V; dIF/dt = 50 A/µs;
Tj =25°C
-30
52
ns
IF =8A; VR = 400 V; dIF/dt = 500 A/µs;
Tj =25°C; see Figure 5
-19
-
ns
IRM
peak reverse recovery
current
IF =10A; VR = 400 V; dIF/dt = 500 A/µs;
Tj = 100 °C
-9.5
12
A
IF =8A; VR = 400 V; dIF/dt = 50 A/µs;
Tj = 125 °C
-1.5
5.5
A
VFR
forward recovery
voltage
IF =10A; dIF/dt = 100 A/µs; Tj =25°C;
see Figure 6
-8
10
V


Similar Part No. - BYC8X-600_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC8X-600P WEEN-BYC8X-600P Datasheet
379Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC8X-600P PHILIPS-BYC8X-600P_15 Datasheet
186Kb / 11P
   Hyperfast power diode
3 August 2015
More results

Similar Description - BYC8X-600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8-600 NXP-BYC8-600 Datasheet
144Kb / 9P
   Hyperfast rectifier diode, low switching loss
Rev. 06-12 March 2009
BYC8X-600 NXP-BYC8X-600 Datasheet
150Kb / 9P
   Hyperfast rectifier diode, low switching loss
Rev. 02-13 March 2009
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC8-600 UTC-BYC8-600 Datasheet
144Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
NXP Semiconductors
BYC8-600 PHILIPS-BYC8-600 Datasheet
59Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
BYC10B-600 PHILIPS-BYC10B-600_15 Datasheet
121Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
logo
Unisonic Technologies
BYC10-600 UTC-BYC10-600_15 Datasheet
163Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com