Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1619 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1619
Description  Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1619 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1619 Datasheet HTML 1Page - Maxim Integrated Products MAX1619 Datasheet HTML 2Page - Maxim Integrated Products MAX1619 Datasheet HTML 3Page - Maxim Integrated Products MAX1619 Datasheet HTML 4Page - Maxim Integrated Products MAX1619 Datasheet HTML 5Page - Maxim Integrated Products MAX1619 Datasheet HTML 6Page - Maxim Integrated Products MAX1619 Datasheet HTML 7Page - Maxim Integrated Products MAX1619 Datasheet HTML 8Page - Maxim Integrated Products MAX1619 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Remote/Local Temperature Sensor with Dual-
Alarm Outputs and SMBus Serial Interface
_______________________________________________________________________________________
5
0
2
4
8
6
10
TEMPERATURE ERROR vs.
COMMON-MODE NOISE FREQUENCY
FREQUENCY (MHz)
0.1
10
100
1
VIN = 100mVp-p
VIN = SQUARE WAVE
AC-COUPLED TO DXN
VIN = 50mVp-p
VIN = 25mVp-p
0
10
20
040
60
80
20
100
TEMPERATURE ERROR vs.
DXP–DXN CAPACITANCE
DXP–DXN CAPACITANCE (nF)
VCC = 5V
0
100
400
200
300
500
01
0.0625
4
0.25
2
0.125
0.5
8
OPERATING SUPPLY CURRENT
vs. CONVERSION RATE
CONVERSION RATE (Hz)
VCC = 5V
AVERAGED MEASUREMENTS
0
10
20
30
40
50
1
100
10
1000
STANDBY SUPPLY CURRENT
vs. CLOCK FREQUENCY
SMBCLK FREQUENCY (kHz)
VCC = 5V
VCC = 3.3V
0
3
60
6
20
100
03
14
25
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
ADD0, ADD1 = GND
ADD0, ADD1 = HIGH-Z
0
25
100
50
75
125
-2
8
04
26
10
INTERNAL DIODE
RESPONSE TO THERMAL SHOCK
TIME (sec)
16-QSOP IMMERSED
IN +115°C FLUORINERT BATH
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn