Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1619 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1619
Description  Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1619 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1619 Datasheet HTML 1Page - Maxim Integrated Products MAX1619 Datasheet HTML 2Page - Maxim Integrated Products MAX1619 Datasheet HTML 3Page - Maxim Integrated Products MAX1619 Datasheet HTML 4Page - Maxim Integrated Products MAX1619 Datasheet HTML 5Page - Maxim Integrated Products MAX1619 Datasheet HTML 6Page - Maxim Integrated Products MAX1619 Datasheet HTML 7Page - Maxim Integrated Products MAX1619 Datasheet HTML 8Page - Maxim Integrated Products MAX1619 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
________________General Description
The MAX1619 is a precise digital thermometer that reports
the temperature of both a remote sensor and its own
package. The remote sensor is a diode-connected transis-
tor—typically a low-cost, easily mounted 2N3904 NPN
type—that replaces conventional thermistors or thermo-
couples. Remote accuracy is ±3°C for multiple transistor
manufacturers, with no calibration needed. The remote
channel can also measure the die temperature of other
ICs, such as microprocessors, that contain an on-chip,
diode-connected transistor.
The 2-wire serial interface accepts standard System
Management Bus (SMBus®) Write Byte, Read Byte, Send
Byte, and Receive Byte commands to program the alarm
thresholds and to read temperature data. The data format
is 7 bits plus sign, with each bit corresponding to 1°C, in
two’s complement format. Measurements can be done
automatically and autonomously, with the conversion rate
programmed by the user or programmed to operate in a
single-shot mode. The adjustable rate allows the user to
control the supply-current drain.
The MAX1619 is nearly identical to the popular MAX1617A,
with the additional feature of an overtemperature alarm out-
put (OVERT) that responds to the remote temperature; this
is optimal for fan control.
________________________Applications
Desktop and Notebook
Central Office
Computers
Telecom Equipment
Smart Battery Packs
Test and Measurement
LAN Servers
Multichip Modules
Industrial Controls
____________________________Features
o Two Channels Measure Both Remote and Local
Temperatures
o No Calibration Required
o SMBus 2-Wire Serial Interface
o Programmable Under/Overtemperature Alarms
o
OVERT Output for Fan Control
o Supports SMBus Alert Response
o Supports Manufacturer and Device ID Codes
o Accuracy
±2°C (+60°C to +100°C, local)
±3°C (-40°C to +125°C, local)
±3°C (+60°C to +100°C, remote)
o 3µA (typ) Standby Supply Current
o 70µA (max) Supply Current in Auto-Convert Mode
o +3V to +5.5V Supply Range
o Write-Once Protection
o Small 16-Pin QSOP Package
Remote/Local Temperature Sensor with Dual-
Alarm Outputs and SMBus Serial Interface
________________________________________________________________
Maxim Integrated Products
1
MAX1619
SMBCLK
ADD0 ADD1
VCC
STBY
GND
ALERT
SMBDATA
DXP
DXN
INTERRUPT
TO
µC
FAN
CONTROL
+3V TO +5.5V
200
0.1
µF
CLOCK
10k EACH
DATA
2N3904
2200pF
OVERT
___________________Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
N.C.
STBY
SMBCLK
N.C.
SMBDATA
ALERT
ADD0
OVERT
TOP VIEW
MAX1619
QSOP
GND
DXP
ADD1
DXN
N.C.
GND
GND
Typical Operating Circuit
19-1483; Rev 0; 4/99
PART
MAX1619MEE
-55°C to +125°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
Ordering Information
SMBus is a registered trademark of Intel Corp.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn