Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1617A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1617A
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1617A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1617A Datasheet HTML 1Page - Maxim Integrated Products MAX1617A Datasheet HTML 2Page - Maxim Integrated Products MAX1617A Datasheet HTML 3Page - Maxim Integrated Products MAX1617A Datasheet HTML 4Page - Maxim Integrated Products MAX1617A Datasheet HTML 5Page - Maxim Integrated Products MAX1617A Datasheet HTML 6Page - Maxim Integrated Products MAX1617A Datasheet HTML 7Page - Maxim Integrated Products MAX1617A Datasheet HTML 8Page - Maxim Integrated Products MAX1617A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
0
6
3
9
12
50
5k
500k
50k
5M
500
50M
TEMPERATURE ERROR vs.
POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (Hz)
VIN = SQUARE WAVE APPLIED TO
VCC WITH NO 0.1µF VCC CAPACITOR
VIN = 250mVp-p
REMOTE DIODE
VIN = 250mVp-p
LOCAL DIODE
VIN = 100mVp-p
REMOTE DIODE
-20
-10
0
10
20
110
30
3
100
TEMPERATURE ERROR
vs. PC BOARD RESISTANCE
LEAKAGE RESISTANCE (M
Ω)
PATH = DXP TO VCC (5V)
PATH = DXP TO GND
-2
-1
0
1
2
-50
50
100
0
150
TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
TEMPERATURE (°C)
SAMSUNG KST3904
MOTOROLA MMBT3904
ZETEX FMMT3904
RANDOM
SAMPLES
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Remote/Local Temperature Sensor
with SMBus Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.3V, TA = -55°C to +125°C, unless otherwise noted.) (Note 6)
Note 1: Guaranteed but not 100% tested.
Note 2: Quantization error is not included in specifications for temperature accuracy. For example, if the MAX1617A device temper-
ature is exactly +66.7°C, the ADC may report +66°C, +67°C, or +68°C (due to the quantization error plus the +1/2°C offset
used for rounding up) and still be within the guaranteed ±1°C error limits for the +60°C to +100°C temperature range
(Table 2).
Note 3: A remote diode is any diode-connected transistor from Table 1. TR is the junction temperature of the remote diode. See
Remote Diode Selection for remote diode forward voltage requirements.
Note 4: The SMBus logic block is a static design that works with clock frequencies down to DC. While slow operation is possible, it
violates the 10kHz minimum clock frequency and SMBus specifications, and may monopolize the bus.
Note 5: Note that a transition must internally provide at least a hold time in order to bridge the undefined region (300ns max) of
SMBCLK’s falling edge.
Note 6: Specifications from -55°C to +125°C are guaranteed by design, not production tested.
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
STBY, SMBCLK, SMBDATA
2.2
Logic Input High Voltage
V
2.4
STBY, SMBCLK, SMBDATA; VCC = 3V to 5.5V
V
0.8
Logic Input Low Voltage
ALERT forced to 5.5V
µA
1
ALERT Output High Leakage
Current
Logic inputs forced to VCC or GND
µA
-2
2
Logic Input Current
VCC = 3V
VCC = 5.5V
ALERT, SMBDATA forced to 0.4V
mA
6
Logic Output Low Sink Current
SMBus INTERFACE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn