Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1617 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1617
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1617 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1617 Datasheet HTML 1Page - Maxim Integrated Products MAX1617 Datasheet HTML 2Page - Maxim Integrated Products MAX1617 Datasheet HTML 3Page - Maxim Integrated Products MAX1617 Datasheet HTML 4Page - Maxim Integrated Products MAX1617 Datasheet HTML 5Page - Maxim Integrated Products MAX1617 Datasheet HTML 6Page - Maxim Integrated Products MAX1617 Datasheet HTML 7Page - Maxim Integrated Products MAX1617 Datasheet HTML 8Page - Maxim Integrated Products MAX1617 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Remote/Local Temperature Sensor
with SMBus Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V, TA = 0°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
DXP, ADD_ to GND ....................................-0.3V to (VCC + 0.3V)
DXN to GND ..........................................................-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT, STBY to GND ...........-0.3V to +6V
SMBDATA, ALERT Current .................................-1mA to +50mA
DXN Current .......................................................................±1mA
ESD Protection (SMBCLK, SMBDATA,
ALERT, human body model) .......................................... 4000V
ESD Protection (other pins, human body model)...............2000V
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.30mW/°C above +70°C) .....................667mW
Operating Temperature Range .........................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
TA = +60°C to +100°C
Monotonicity guaranteed
ADD0, ADD1; momentary upon power-on reset
DXP forced to 1.5V
Logic inputs
forced to VCC
or GND
Auto-convert mode
From stop bit to conversion complete (both channels)
VCC, falling edge
TA = 0°C to +85°C
VCC input, disables A/D conversion, rising edge
Auto-convert mode, average
measured over 4sec. Logic
inputs forced to VCC or GND.
CONDITIONS
µA
160
Address Pin Bias Current
V
0.7
DXN Source Voltage
µA
8
10
12
80
100
120
Remote-Diode Source Current
%
-25
25
Conversion Rate Timing Error
ms
94
125
156
Conversion Time
µA
120
180
35
70
Average Operating Supply Current
-2
2
Bits
8
Temperature Resolution (Note 1)
µA
4
Standby Supply Current
3
10
mV
50
POR Threshold Hysteresis
V
1.0
1.7
2.5
Power-On Reset Threshold
°C
-3
3
Initial Temperature Error,
Local Diode (Note 2)
V
3.0
5.5
Supply-Voltage Range
V
2.60
2.80
2.95
Undervoltage Lockout Threshold
mV
50
Undervoltage Lockout Hysteresis
UNITS
MIN
TYP
MAX
PARAMETER
TR = +60°C to +100°C
TR = -55°C to +125°C
-3
3
°C
-5
5
Temperature Error, Remote Diode
(Notes 2 and 3)
Including long-term drift
-2.5
2.5
°C
-3.5
3.5
Temperature Error, Local Diode
(Notes 1 and 2)
0.25 conv/sec
2.0 conv/sec
TA = +60°C to +100°C
TA = 0°C to +85°C
High level
Low level
ADC AND POWER SUPPLY
SMBus static
Hardware or software standby, SMB-
CLK at 10kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn