Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1614 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1614
Description  High-Side, N-Channel MOSFET Switch Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1614 Datasheet(HTML) 4 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
High-Side, N-Channel MOSFET
Switch Driver
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
2.5
-0.5
020
GATE-DISCHARGE CURRENT
vs. GATE VOLTAGE
VGATE (V)
12
1.5
0.5
48
1.0
0
2.0
16
214
610
18
TA = +85°C
TA = +25°C
TA = -40°C
30
22
530
GATE-CHARGING CURRENT
vs. BATT VOLTAGE
VBATT (V)
25
27
25
10
15
26
24
28
29
23
20
TA = +85°C
TA = -40°C
5V/div
GATE AND SOURCE TRANSITIONS
FOR TYPICAL MOSFET LOAD
1ms/div
Si9936 MOSFETS
ILOAD = 1A
ON = GND
VGATE
VSRC
VOFF
5V/div
GATE TURN-ON TRANSITION
FOR TYPICAL MOSFET LOAD
100
µs/div
Si9936 MOSFETS
ILOAD = 1A
Ciss = 400pF
ON = GND
VGATE
VSRC
VOFF
0V
0V
5V/div
GATE TURN-OFF TRANSITION
FOR TYPICAL MOSFET LOAD
20
µs/div
Si9936 MOSFETS
ILOAD = 1A
Ciss = 400pF
ON = GND
VOFF
VGATE
VSRC
34
26
-40
0
80
100
GATE-CHARGING CURRENT
vs. TEMPERATURE
28
27
TEMPERATURE (°C)
40
-20
60
20
32
30
33
31
29
VBATT = 15V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn