Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1610 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1610
Description  Digitally Controlled CCFL Backlight Power Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1610 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1610 Datasheet HTML 12Page - Maxim Integrated Products MAX1610 Datasheet HTML 13Page - Maxim Integrated Products MAX1610 Datasheet HTML 14Page - Maxim Integrated Products MAX1610 Datasheet HTML 15Page - Maxim Integrated Products MAX1610 Datasheet HTML 16Page - Maxim Integrated Products MAX1610 Datasheet HTML 17Page - Maxim Integrated Products MAX1610 Datasheet HTML 18Page - Maxim Integrated Products MAX1610 Datasheet HTML 19Page - Maxim Integrated Products MAX1610 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Digitally Controlled CCFL Backlight
Power Supplies
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
________________________________________________________Package Information
DIM
A
A1
B
C
E
e
H
L
MIN
0.053
0.004
0.014
0.007
0.150
0.228
0.016
MAX
0.069
0.010
0.019
0.010
0.157
0.244
0.050
MIN
1.35
0.10
0.35
0.19
3.80
5.80
0.40
MAX
1.75
0.25
0.49
0.25
4.00
6.20
1.27
INCHES
MILLIMETERS
21-0041A
Narrow SO
SMALL-OUTLINE
PACKAGE
(0.150 in.)
DIM
D
D
D
MIN
0.189
0.337
0.386
MAX
0.197
0.344
0.394
MIN
4.80
8.55
9.80
MAX
5.00
8.75
10.00
INCHES
MILLIMETERS
PINS
8
14
16
1.27
0.050
L
0°-8°
H
E
D
e
A
A1
C
0.101mm
0.004in.
B


Similar Part No. - MAX1610

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX161-MX7581 MAXIM-MAX161-MX7581 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX1612 MAXIM-MAX1612 Datasheet
136Kb / 12P
   Bridge-Battery Backup Controllers for Notebooks
19-4785; Rev 0; 11/98
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16122WT MAXIM-MAX16122WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
More results

Similar Description - MAX1610

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
   CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com