Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCL-841 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCL-841
Description  2-port CAN-bus ISA Card with Isolation Protection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCL-841 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCL-841 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Specifications
General
ƒ
Card Interface
Universal PCI
ƒ
Certification
CE, FCC
ƒ
Connectors
2 x DB9-M
ƒ
Dimensions
185 x 100 mm (7.3" x 3.9")
ƒ
Ports
2
ƒ
Power Consumption 5 V @ 400 mA typical
Communications
ƒ
CAN Controller
SJA-1000
ƒ
CAN Transceiver
82C250
ƒ
Protocol
CAN2.0 A/B
ƒ
Speed
1 Mbps
ƒ
CAN Frequency
16 MHz
ƒ
Signal Support
CAN_H, CAN_L
Protection
ƒ
Isolation Protection 1,000 VDC
Environment
ƒ
Operating Temp.
0 ~ 65°C (32 ~ 149°F)
Ordering Information
ƒ
PCI-1680U
2-port CAN Uni-PCI
COMM Card w/Iso
Specifications
General
ƒ
Card Interface
PCM-3680: PC/104
PCM-3680I: PCI-104
ƒ
Certification
CE, FCC
ƒ
Connectors
2 x DB9-M with cable
ƒ
Dimensions
90 x 96 mm (3.6" x 3.8")
ƒ
Ports
2
ƒ
Power Consumption 5 V @ 400 mA
Communications
ƒ
CAN Controller
SJA-1000
ƒ
CAN Transceiver
82C250
ƒ
Protocol
CAN2.0 A/B
ƒ
Speed
Up to 1 Mbps
programmable transfer rate
ƒ
CAN Frequency
16 MHz
ƒ
Signal Support
CAN_H, CAN_L
Protection
ƒ
Isolation Protection 2,500 VDC
Environment
ƒ
Operating Temp.
-40 ~ 85°C (-40 ~ 185°F)
Ordering Information
ƒ
PCM-3680
Dual-port Iso CAN-bus
PC/104 Module
ƒ
PCM-3680I
Dual-port Iso CAN-bus
PCI-104 Module
2-port CAN-bus ISA Card with Isolation Protection
2-port CAN-bus Universal PCI Card with Isolation Protection
2-port CAN-bus PC/104 / PCI-104 Module with Isolation
Protection
PCL-841
PCI-1680U
PCM-3680/I
Features
ƒ Operates two separate CAN networks simultaneously
ƒ High speed transmission up to 1 Mbps
ƒ Optical isolation protection of 1000 VDC
ƒ Windows DLL library and examples included
ƒ I/O address automatically assigned by PCI PnP
ƒ Supports 32-bit/64-bit Windows 2000/XP/Vista/7
and Linux
Features
ƒ Operates two separate CAN networks simultaneously
ƒ High speed transmission up to 1 Mbps
ƒ 16 MHz CAN controller frequency
ƒ Optical isolation protection ensures system reliability
ƒ LEDs indicate Transmit/Receive status on each port
ƒ Supports wide operating temperature
ƒ Supports 32/64-bit WinXP/Vista/Win7 and Linux
ƒ Supports WinCE 5.0/6.0
PCI-1680U
PCM-3680I
Specifications
General
ƒ
Card Interface
ISA
ƒ
Certification
CE, FCC
ƒ
Connectors
2 x DB9-M
ƒ
Dimensions
185 x 100 mm (7.3" x 3.9")
ƒ
Ports
2
ƒ
Power Consumption 5 V @ 400 mA typical
Communications
ƒ
CAN Controller
SJA-1000
ƒ
CAN Transceiver
82C250
ƒ
Protocol
CAN2.0 A/B
ƒ
Speed
500 kbps
ƒ
IRQ
3, 4, 5, 6, 7, 9, 10, 11, 12,
or 15
ƒ
Memory Segment Base Address
From C800H to EF00H
ƒ
Signal Support
CAN_H, CAN_L
Protection
ƒ
Isolation Protection 1,000 VDC
Environment
ƒ
Operating Temp.
0 ~ 50°C (32 ~ 122°F)
Ordering Information
ƒ
PCL-841
2-port CAN-bus ISA
Comm. Card w/ Iso
Features
ƒ Operates two separate CAN networks simultaneously
ƒ High speed transmission up to 500 kbps
ƒ Optical isolation protection of 1000 VDC
ƒ Windows DLL library and examples included
ƒ Wide IRQ selection for each port: IRQ 3, 4, 5, 6, 7, 9,
10, 11, 12, 15
ƒ Supports 32-bit/64-bit Windows 2000/XP/Vista/7
and Linux
PCL-841
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 19-Mar-2014


Similar Part No. - PCL-841

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-841 ADVANTECH-PCL-841 Datasheet
613Kb / 1P
   2-port CAN-bus ISA Card with Isolation Protection
PCL-841 ADVANTECH-PCL-841 Datasheet
389Kb / 1P
   2-port CAN-bus ISA Card with Isolation Protection
10-Apr-2017
PCL-841 ADVANTECH-PCL-841_V01 Datasheet
389Kb / 1P
   2-port CAN-bus ISA Card with Isolation Protection
10-Apr-2017
More results

Similar Description - PCL-841

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-841 ADVANTECH-PCL-841 Datasheet
613Kb / 1P
   2-port CAN-bus ISA Card with Isolation Protection
PCL-841 ADVANTECH-PCL-841_V01 Datasheet
389Kb / 1P
   2-port CAN-bus ISA Card with Isolation Protection
10-Apr-2017
PCIE-1680 ADVANTECH-PCIE-1680 Datasheet
318Kb / 1P
   2-Port CAN Bus PCIE Card with Isolation Protection
11-Nov-2022
PCI-1680U ADVANTECH-PCI-1680U Datasheet
526Kb / 1P
   2-port CAN-bus Universal PCI Communication Card with Isolation Protection
MIC-3680 ADVANTECH-MIC-3680_15 Datasheet
258Kb / 1P
   2-Port CAN-bus 3U CompactPCI짰 Card
logo
List of Unclassifed Man...
TGUI9440-2 ETC1-TGUI9440-2 Datasheet
506Kb / 3P
   TGUI9440-2 With Future ISA Bus Support
logo
Moxa Inc.
CP-602U-I MOXA-CP-602U-I Datasheet
496Kb / 3P
   2-port CAN interface Universal PCI boards with 2 kV isolation
CP-602E-I MOXA-CP-602E-I Datasheet
491Kb / 3P
   2-port CAN interface PCI Express boards with 2 kV isolation
CB-602I MOXA-CB-602I Datasheet
486Kb / 3P
   2-port CAN interface PC/104-Plus modules with 2 kV isolation
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com