Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACMD-7402 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ACMD-7402
Description  Miniature PCS Band Duplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ACMD-7402 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Figure 14. Package marking
Figure 13. Package outline drawing
H FB Y
WW
DC
N N N N
Tx
Rx
Ant
PACKAGE
ORIENTATION
H = ACMD-7402
FB = Avago ID
Y = Year
WW = Work Week
DC = Date Code
NNNN = Lot Number
(PRODUCT
MARKING)
Tx
3.8
Rx
3.8
Ant
Tx
SOLDER MASK
OVER VIAS (2 PLS)
NOTES:
1. DIMENSIONS IN MILLIMETERS (mm).
2. TOLERANCE: X.X ± 0.1, X.XX ± 0.05
3. PACKAGE HEIGHT = 1.3 mm MAX.
4. CONTACT AREAS ARE GOLD PLATED.
5. NON-GROUND VIAS SHOWN FOR REFERENCE ONLY;
COVERED WITH 0.51 mm ∅ SOLDER MASK.
1.9
Rx
2.4
Ant
1.9
1.4
0.40
2.8
1.1
1.8
1.4
0.8
0.50
0.1
1.2
Lead Free
Lead Free


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn