Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACMD-7402 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ACMD-7402
Description  Miniature PCS Band Duplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ACMD-7402 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Figure 12. Ant–Rx low frequency rejection
Figure 11. Tx–Ant low frequency rejection
Figure 10. Tx–Ant and Ant–Rx wideband insertion loss
Figure 9. Tx–Ant rejection at Tx second harmonic
-40
-30
-20
-10
0
3700
3720
3740
3760
3780
3800
3820
Frequency [MHz]
-60
-50
-40
-30
-20
-10
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency [GHz]
-60
-50
-40
-30
-20
-10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Frequency [GHz]
-60
-50
-40
-30
-20
-10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Frequency [GHz]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn