Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACMD-7402 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ACMD-7402
Description  Miniature PCS Band Duplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ACMD-7402 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Figure 8. Antenna port return loss
Figure 7. Tx–Rx isolation
Figure 6. Tx rejection in Rx band and Rx rejection in Tx band
Figure 5. Tx and Rx port return loss
Figure 4. Ant–Rx insertion loss
Figure 3. Tx–Ant insertion loss
Typical Performance at Tc = 25
°C
-4.0
-3.0
-2.0
-1.0
0.0
1850
1860
1870
1880
1890
1900
1910
Frequency [MHz]
-4.0
-3.0
-2.0
-1.0
0.0
1930
1940
1950
1960
1970
1980
1990
Frequency [MHz]
-25
-20
-15
-10
-5
0
1750
1800
1850
1900
1950
2000
2050
2100
Frequency[MHz]
-60
-50
-40
-30
-20
-10
0
1750
1800
1850
1900
1950
2000
2050
2100
Frequency[MHz]
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
1750
1800
1850
1900
1950
2000
2050
2100
Frequency[MHz]
-25
-20
-15
-10
-5
0
1750
1800
1850
1900
1950
2000
2050
2100
Frequency [MHz]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn