Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACMD-7402 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ACMD-7402
Description  Miniature PCS Band Duplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ACMD-7402 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings[1]
Parameter
Unit
Value
Storage Temperature
°C
–65 to +125
Maximum RF Input Power
dBm
+33
to Tx Ports
Maximum Recommended Operating Conditions[2]
Parameter
Unit
Value
Operating Temperature, Tc[3],
°C
–40 to +100
Tx Power 29 dBm
Operating temperature, Tc[3],
°C
–40 to +85
Tx Power 30 dBm
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to the device.
2. The device will function over the recommended range without
degradation in reliability or permanent change in performance,
but is not guaranteed to meet electrical specifications.
3. TC is defined as case temperature, the temperature of the
underside of the Duplexer where it makes contact with the circuit
board.
Characterization
A test circuit similar to that shown in Figure 1 was used
to measure typical device performance. This circuit is
designed to interface with Air Coplanar (ACP), Ground-
Signal-Ground (GSG) RF probes of the type commonly
used to test semiconductor wafers.
The test circuit is a 7 x 7 mm PCB with a well-grounded
pad to which the device under test (DUT) is solder-
mounted.
Short lengths of 50-ohm microstripline connect the DUT
to the ACP probe patterns on the board.
A test circuit with a ACMD-7402 mounted in place is
shown in Figure 2. S-parameters are then measured
using a network analyzer and calibrated ACP probe set
Phase data for s-parameters measured with ACP probe
circuits are adjusted to place the reference plane at the
edge of the Duplexer.
Figure 1. ACP probe test circuit
Figure 2. Test circuit with ACMD-7402 duplexer


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn