Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACMD-7402 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ACMD-7402
Description  Miniature PCS Band Duplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ACMD-7402 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ACMD-7402 Electrical Specifications, Z0 = 50
, T
C
[1,2] as indicated
– 30
°C[2]
+25
°C[2]
+85
°C[2]
Symbol
Parameter
Units
Min
Typ[3] Max Min Typ[3] Max
Min Typ[3] Max
Antenna Port to Receive Port
S23
Insertion Loss in Receive Band
dB
3.8
1.5
3.5
3.5
(1930.5 – 1989.5 MHz)
∆S23
Ripple (p-p) in Receive Band
dB
3.0
1.5
2.6
2.6
S22
Return Loss of Receive Port
dB
9.5
9.5
17
9.5
in Receive Band
S23
Attenuation in Transmit Band
dB
52
52
56
52
(1850.5 – 1909.5 MHz)
S23
Attenuation 0 – 1600 MHz
dB
20
31
S23
Attenuation in Receive 2nd
dB
18
19
Harmonic Band
(3861 – 3979 MHz)
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Band
dB
3.0
1.1
3.0
3.5[4]
(1850.5 – 1909.5 MHz)
∆S31
Ripple (p-p) in Transmit Band
dB
2.3
0.9
2.3
2.8
S11
Return Loss of Transmit Port
dB
9.5
9.5
20
9.5
in Transmit Band
S31
Attenuation in Receive Band
dB
43
43
48
43
(1930.5 – 1989.5 MHz)
S31
Attenuation 0 – 1600 MHz
dB
22
34
S31
Attenuation in Transmit 2nd
dB
8
13
Harmonic Band
(3701 – 3819 MHz)
Antenna Port
S33
Return Loss of Antenna Port in
dB
9
9
16
9
Receive Band
(1930.5 – 1989.5 MHz)
S33
Return Loss of Antenna Port in
dB
9
9
19
9
Transmit Band
(1850.5 – 1909.5 MHz)
Isolation Transmit Port to Receive Port
S21
Tx-Rx Isolation in Receive Band
dB
45
45
48
45
(1930.5 – 1989.5 MHz)
S21
Tx-Rx Isolation in Transmit Band
dB
54
54
58
54
(1850.5 – 1909.5 MHz)
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the Duplexer where it makes contact with the circuit
board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx ports equal to or less than +29 dBm
over all Tx frequencies unless otherwise noted.
3. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical values may vary over time.
Refer to “Characterization” section for measurement details.
4. At Tx input power between +26 dBm and +29 dBm, the Insertion Loss at the upper edge of the Tx band (1907– 1909.5 MHz) will be slightly
degraded. From 1907 to 1909.5 MHz, the maximum Insertion Loss specification at Tc = +85
°C is guaranteed to +26 dBm input power.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn