Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACMD-7402 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ACMD-7402
Description  Miniature PCS Band Duplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ACMD-7402 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 20. SMD tape packing
Figure 21. Unit orientation In tape
TAPE
WIDTH
H FB Y
WW
DC
N N N N
H FB Y
WW
DC
N N N N
PACKAGE PIN 1 ORIENTATION
SPROCKET HOLES
POCKET CAVITY
1.75 ± 0.10
5.50 ± 0.05
12.00 ± 0.10
8.00 ± 0.10
1.50 (MIN.)
1.55 ± 0.05
4.00 ± 0.10 SEE NOTE 2
2.00 ± 0.05
A
A
B
B
Bo
Ko
5° MAX.
SECTION B-B
Ao
SECTION A-A
5° MAX.
0.30 ± 0.05
Ao
Bo
Ko
PITCH
WIDTH
= 4.10
= 4.10
= 1.45
= 8.00
= 12.00
NOTES:
1. Ao and Bo MEASURED AT 0.3 mm ABOVE BASE OF POCKET.
2. 10 PITCHES CUMULATIVE TOLERANCE ± 0.2 mm.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn