Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1586AETM Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1586AETM
Description  High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1586AETM Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1586AETM Datasheet HTML 6Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 7Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 8Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 9Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 10Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 11Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 12Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 13Page - Maxim Integrated Products MAX1586AETM Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
High-Efficiency, Low-IQ PMICs with
Dynamic Core for PDAs and Smart Phones
10
______________________________________________________________________________________
Typical Operating Characteristics
(Circuit of Figure 5, VIN = 3.6V, TA = +25°C, unless otherwise noted.)
100
0.1
1
10
100
1000
10,000
90
80
70
60
50
40
REG1 3.3V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
VIN = 3.6V
VIN = 4.0V
VIN = 5.0V
100
40
0.1
10
100
11000
REG2 2.5V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
50
60
70
80
90
VIN = 3.6V
VIN = 4.0V
VIN = 5.0V
100
40
0.1
10
100
11000
REG3 1.3V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
50
60
70
80
90
VIN = 3.6V
VIN = 4.0V
VIN = 5.0V
100
40
0.1
10
100
11000
REG3 1.3V OUTPUT WITH FORCED-PWM
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
50
60
70
80
90
VIN = 3.6V
VIN = 5.0V
VIN = 4.0V
REG1 SLEEP LDO 3.3V OUTPUT
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
100
40
50
60
70
80
90
0.1
1
10
VIN = 3.6V
VIN = 4.0V
VIN = 5.0V
REG2 SLEEP LDO 2.5V OUTPUT
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
90
30
40
50
60
70
80
0.1
1
10
VIN = 3.6V
VIN = 4.0V
VIN = 5.0V
0
20
140
100
180
220
02
13
4
5
QUIESCENT CURRENT
vs. SUPPLY VOLTAGE
INPUT VOLTAGE (V)
BKBT BIASED AT 3.6V
V1, V2, AND V3 ON
V1 AND V2 ON
V1 ON
V1 AND V2 SLEEP
V1 SLEEP
ALL BUT V7 OFF
200
160
40
60
80
120
0
100
50
200
150
250
300
0400
200
600
800
1000
1200
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
REG1 3.3V OUTPUT
-100
0
-50
100
50
150
200
0
400
200
600
800
1000
1200
CHANGE IN OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
VIN = 3.6V
REG1 3.3V OUTPUT
REG3 1.3V OUTPUT
REG2 2.5V OUTPUT


Similar Part No. - MAX1586AETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586AETM MAXIM-MAX1586AETM Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586AETM MAXIM-MAX1586AETM Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
More results

Similar Description - MAX1586AETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX8588 MAXIM-MAX8588 Datasheet
572Kb / 31P
   High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones
Rev 0; 3/05
logo
Advanced Monolithic Sys...
AMS1318 AMS-AMS1318 Datasheet
410Kb / 6P
   Cellular and Smart Phones PDAs
logo
Maxim Integrated Produc...
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
   5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
logo
Renesas Technology Corp
ISL98611 RENESAS-ISL98611 Datasheet
223Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
logo
Intersil Corporation
ISL98611A INTERSIL-ISL98611A Datasheet
133Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
July 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com