Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1562-MAX1563 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1562-MAX1563
Description  Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1562-MAX1563 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1562-MAX1563 Datasheet HTML 3Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 4Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 5Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 6Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 7Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 8Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 9Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 10Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX1562/MAX1562H/MAX1563 family comprises a
programmable current-limited switch designed for USB
and hot-swap applications. The MAX1563 can be pro-
grammed for loads up to 4A, and the MAX1562/
MAX1562H can be programmed for loads up to 3A. The
current limit is programmed using a single resistor. A fault
output notifies the host when the current-limit, short-cir-
cuit, UVLO, or thermal-shutdown threshold is exceeded.
A built-in current limit protects the load and the source
in the event of an overload condition. In addition, a
built-in short-circuit detection circuit pulses the output if
the output is less than 1V (typ), resulting in a lower RMS
output current and reduced power dissipation in the
device. Thermal shutdown protects the device in the
event of a prolonged overload or short-circuit condition.
An internal micropower charge pump generates the
high-side supply needed for driving the gate of the
internal low-RON NMOS switch.
Fault blanking allows the MAX1562/MAX1562H/
MAX1563 family to handle USB loads that may not be
fully compliant with USB specifications. USB loads with
additional bypass capacitance or large startup currents
can be successfully powered while protecting the
upstream power source. If the switch brings up the
load within the blanking period (20ms typ), FAULT is
not asserted. In the event of a current-limit event, cur-
rent through the switch is regulated at the current-limit
target. Below approximately 1V, the short-circuit current
limit is 30% higher than the programmed current limit.
Current-Limit Programming
The MAX1562/MAX1562H/MAX1563 continuous current
limit is set by selecting the value of RISET based on the
following equation:
ILIM = 17120 / RISET
Choose RISET with resistor values between 4.22k
Ω to
16k
Ω. Resistor values greater than 16kΩ significantly
degrade current-limit accuracy. For the MAX1562/
MAX1562H, the minimum RISET value is 5.76k
Ω. This
corresponds to a 3A current limit, which is limited by
the 8-pin SO’s maximum power dissipation.
Programmable 4A USB Current-Limited
Switches with Autoreset and Fault Blanking
_______________________________________________________________________________________
7
Pin Description
PIN
MAX1562
MAX1562H
MAX1563
NAME
FUNCTION
1
4
ON (
ON)
Switch On/Off Control Input. The active polarity of ON is low for the MAX1562 and high
for the MAX1562H. For the MAX1563, the active polarity of ON is set by SEL.
25
FAULT
Fault Indicator Output.
FAULT is an open-drain output that asserts low when the switch
enters a sustained (>20ms) current limit. FAULT goes low immediately during thermal
shutdown or an undervoltage input. Note that during severe short conditions,
FAULT
goes low immediately since there is typically also a brief undervoltage transient.
3
6
GND
Ground
4
7
ISET
Current-Limit Input. Connect an external resistor from ISET to GND to set current limit,
where ILIM = 17120 / RISET.
5, 7
9, 12
IN
Power Input for Switch. Connect both IN inputs together and bypass with a 1µF
ceramic capacitor to GND. Load conditions might require additional bulk capacitance
to prevent fluctuation on the input source.
6, 8
1, 10
OUT
Power Output for Switch. Bypass OUT to GND with a 4.7µF ceramic capacitor. Load
conditions might require additional bulk capacitance. When disabled, OUT goes into
a high-impedance state.
2, 8, 11
N.C.
No Connection. Internally unconnected. Leave unconnected or use with other traces
to simplify PC board layout.
3
SEL
Polarity Control Input for ON. Drive SEL high for active-high enable. Drive SEL low for
active-low enable.


Similar Part No. - MAX1562-MAX1563

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562ESA++ MAXIM-MAX1562ESA+ Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562ESA++ MAXIM-MAX1562ESA+ Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562H MAXIM-MAX1562H Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
More results

Similar Description - MAX1562-MAX1563

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com